Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC1G3157GM Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC1G3157GM
Description  2-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC1G3157GM Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC1G3157GM Datasheet HTML 2Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 3Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 4Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 5Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 6Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 7Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 8Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 9Page - NXP Semiconductors 74LVC1G3157GM Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
9397 750 14524
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 7 February 2005
6 of 22
Philips Semiconductors
74LVC1G3157
2-channel analog multiplexer/demultiplexer
VI =VCC or GND and VO = GND or VCC.
Fig 5.
Test circuit for measuring switch OFF-state current
VI =VCC or GND and VO = open circuit.
Fig 6.
Test circuit for measuring switch ON-state current
VO
IS
IS
001aac358
S
A
B0
B1
VCC
GND
switch
switch
1
1
2
2
VIH
VIL
S
VIL or VIH
VI
VO
IS
001aac359
S
A
B0
B1
VCC
GND
switch
switch
1
1
2
2
VIH
VIL
S
VIL or VIH
VI
Table 9:
Resistance RON
At recommended operating conditions; voltages are referenced to GND (ground = 0 V); see test circuit Figure 7.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C [1]
RON(rail)
switch ON-state
resistance (rail)
VS = GND; VI =VIH
IS = 4 mA; VCC = 1.65 V to 1.95 V
-
8.7
18
IS = 8 mA; VCC = 2.3 V to 2.7 V
-
7.2
16
IS = 12 mA; VCC = 2.7 V
-
7.0
14
IS = 24 mA; VCC = 3 V to 3.6 V
-
6.5
12
IS = 32 mA; VCC = 4.5 V to 5.5 V
-
5.9
10
VS =VCC; VI =VIH
IS = 4 mA; VCC = 1.65 V to 1.95 V
-
12
30
IS = 8 mA; VCC = 2.3 V to 2.7 V
-
8.3
20
IS = 12 mA; VCC = 2.7 V
-
7.8
18
IS = 24 mA; VCC = 3 V to 3.6 V
-
6.7
15
IS = 32 mA; VCC = 4.5 V to 5.5 V
-
5.2
10


Similar Part No. - 74LVC1G3157GM

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1G3157GM NXP-74LVC1G3157GM Datasheet
121Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 3-16 September 2010
74LVC1G3157GM PHILIPS-74LVC1G3157GM Datasheet
260Kb / 26P
   2-channel analog multiplexer/demultiplexer
Rev. 5-6 December 2012
logo
Nexperia B.V. All right...
74LVC1G3157GM NEXPERIA-74LVC1G3157GM Datasheet
333Kb / 22P
   10 Ohm single-pole double-throw analog switch
Rev. 10 - 13 April 2023
74LVC1G3157GM-Q100 NEXPERIA-74LVC1G3157GM-Q100 Datasheet
280Kb / 18P
   2-channel analog multiplexer/demultiplexer
More results

Similar Description - 74LVC1G3157GM

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC2G53 HITACHI-HD74ALVC2G53 Datasheet
115Kb / 14P
   2-channel Analog Multiplexer Demultiplexer
logo
NXP Semiconductors
74LVC1G53 NXP-74LVC1G53 Datasheet
130Kb / 22P
   2-channel analog multiplexer/demultiplexer
Rev. 03-29 August 2007
logo
Renesas Technology Corp
HD74LV2GT53A RENESAS-HD74LV2GT53A Datasheet
95Kb / 10P
   2-channel Analog Multiplexer / Demultiplexer
HD74LV1GW53A RENESAS-HD74LV1GW53A_06 Datasheet
101Kb / 7P
   2-channel Analog Multiplexer / Demultiplexer
HD74LVC1G53 RENESAS-HD74LVC1G53 Datasheet
2Mb / 13P
   2-channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV2G53A RENESAS-HD74LV2G53A Datasheet
99Kb / 12P
   2-channel Analog Multiplexer / Demultiplexer
logo
NXP Semiconductors
74LVC2G53 PHILIPS-74LVC2G53 Datasheet
139Kb / 24P
   2-channel analog multiplexer/demultiplexer
Rev. 02-31 March 2006
74LVC2G53 NXP-74LVC2G53 Datasheet
144Kb / 23P
   2-channel analog multiplexer/demultiplexer
Rev. 05-18 June 2008
logo
Nexperia B.V. All right...
74LVC1G53-Q100 NEXPERIA-74LVC1G53-Q100 Datasheet
282Kb / 19P
   2-channel analog multiplexer/demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com