Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC3GU04 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74LVC3GU04
Description  TRIPLE INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3GU04 Datasheet(HTML) 3 Page - NXP Semiconductors

  74LVC3GU04 Datasheet HTML 1Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 2Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 3Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 4Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 5Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 6Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 7Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 8Page - NXP Semiconductors 74LVC3GU04 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
9397 750 14546
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 03 — 01 February 2005
3 of 16
Philips Semiconductors
74LVC3GU04
Triple inverter
6.
Functional diagram
7.
Pinning information
7.1 Pinning
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
mna720
1A
1Y
17
2A
2Y
35
3A
3Y
62
7
1
1
1
5
3
mna721
1
2
6
mna636
A
Y
100
VCC
VCC
Fig 4.
Pin configuration TSSOP8 and
VSSOP8
Fig 5.
Pin configuration XSON8
U04
1A
VCC
3Y
1Y
2A
3A
GND
2Y
mnb120
1
2
3
4
6
5
8
7
U04
3A
1Y
VCC
2Y
2A
3Y
1A
GND
001aac021
36
27
18
45
Transparent top view


Similar Part No. - 74LVC3GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3GU04 NXP-74LVC3GU04 Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
74LVC3GU04 NXP-74LVC3GU04 Datasheet
378Kb / 17P
   Triple inverter
Rev. 07-11 November 2009
logo
Nexperia B.V. All right...
74LVC3GU04 NEXPERIA-74LVC3GU04 Datasheet
267Kb / 16P
   Triple unbuffered inverter
Rev. 14 - 20 April 2021
logo
NXP Semiconductors
74LVC3GU04DC NXP-74LVC3GU04DC Datasheet
96Kb / 16P
   Triple inverter
Rev. 05-5 October 2007
74LVC3GU04DC NXP-74LVC3GU04DC Datasheet
378Kb / 17P
   Triple inverter
Rev. 07-11 November 2009
More results

Similar Description - 74LVC3GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
   Triple inverter
Rev. 01-4 May 2004
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
   Triple Inverter
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
   Triple inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
   Triple inverter
Rev. 5 - 26 November 2018
74HCT3G04-Q100 NEXPERIA-74HCT3G04-Q100 Datasheet
212Kb / 12P
   Triple inverter
Rev. 3 - 26 November 2018
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04 Datasheet
84Kb / 8P
   Triple Inverter
August, 2002 ??Rev. 2
logo
STMicroelectronics
74V2T04 STMICROELECTRONICS-74V2T04 Datasheet
124Kb / 7P
   TRIPLE INVERTER
74V2T05 STMICROELECTRONICS-74V2T05 Datasheet
131Kb / 7P
   TRIPLE INVERTER
logo
NXP Semiconductors
74LVC3G04 NXP-74LVC3G04_08 Datasheet
101Kb / 16P
   Triple inverter
Rev. 07-16 June 2008
logo
ON Semiconductor
NL37WZ04 ONSEMI-NL37WZ04_15 Datasheet
71Kb / 5P
   Triple Inverter
March, 2015 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com