Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8353ACP-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8353ACP-REEL7
Description  100 MHz-2.7 GHz RF Gain Block
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8353ACP-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8353ACP-REEL7 Datasheet HTML 4Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 5Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 6Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 7Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 8Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 9Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 10Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 11Page - Analog Devices AD8353ACP-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
REV. 0
AD8353
–10–
NOISE FIGURE – dB
6.10 6.15
10
30
0
25
15
5
6.20 6.25 6.30 6.35
6.45
6.55 6.60 6.65 6.70
6.40
6.50
20
TPC 31. Distribution of Noise Figure, VS = 5 V,
TA = 25 C, f = 2.2 GHz
TEMPERATURE – C
–60
0
80
25
15
5
100
50
40
0
20
10
30
45
35
IS AT 5.0V
IS AT 5.5V
IS AT 4.5V
60
40
20
–20
–40
TPC 32. Supply Current vs. Temperature,
VS = 4.5 V,
5 V, and 5.5 V
PIN – dBm
15
–15
–30
5
–25
–20
–15
–10
–50
10
5
0
–5
–10
20
14
19
18
17
16
15
TPC 33. Output Power and Gain vs. Input Power,
VS = 3 V, TA = 25ºC, f = 900 MHz
PIN – dBm
15
–15
–30
5
–25
–20
–15
–10
–50
10
5
0
–5
–10
20
14
19
18
17
16
15
TPC 34. Output Power and Gain vs. Input Power,
VS = 5 V, TA = 25ºC, f = 900 MHz


Similar Part No. - AD8353ACP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8353ACP-REEL7 AD-AD8353ACP-REEL7 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
More results

Similar Description - AD8353ACP-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8354 AD-AD8354 Datasheet
275Kb / 16P
   100 MHz-2.7 GHz RF Gain Block
REV. A
AD8354 AD-AD8354_05 Datasheet
363Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. C
AD8353 AD-AD8353_05 Datasheet
349Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
REV. B
AD8353 AD-AD8353_15 Datasheet
328Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8354 AD-AD8354_15 Datasheet
339Kb / 16P
   1 MHz to 2.7 GHz RF Gain Block
Rev. E
AD8312 AD-AD8312 Datasheet
576Kb / 13P
   100 MHz-2.7 GHz, 45 dB RF Log Detector
PrA 10/29/2004
ADL5601 AD-ADL5601 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
ADL5611 AD-ADL5611 Datasheet
239Kb / 8P
   30 MHz to 6 GHz RF/IF Gain Block
Rev. PrA
ADL5601ARKZ AD-ADL5601ARKZ Datasheet
322Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. A
ADL5602 AD-ADL5602 Datasheet
348Kb / 16P
   50 MHz to 4.0 GHz RF/IF Gain Block
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com