Electronic Components Datasheet Search |
|
BS62LV1600FC Datasheet(PDF) 4 Page - Brilliance Semiconductor |
|
BS62LV1600FC Datasheet(HTML) 4 Page - Brilliance Semiconductor |
4 / 9 page Revision 2.1 Jan. 2004 4 JEDEC PARAMETER NAME NAME DESCRIPTION CYCLE TIME : 70ns UNIT t AVAX t RC Read Cycle Time 70 -- -- 55 -- -- ns t AVQV t AA Address Access Time -- -- 70 -- -- 55 ns t E1LQV t ACS1 Chip Select Access Time (CE1) -- -- 70 -- -- 55 ns t E2LQV t ACS2 Chip Select Access Time (CE2) -- -- 70 -- -- 55 ns t GLQV t OE Output Enable to Output Valid -- -- 35 -- -- 30 ns t ELQX t CLZ Chip Select to Output Low Z 10 -- -- 10 -- -- ns t GLQX t OLZ Output Enable to Output in Low Z 10 -- -- 10 -- -- ns t EHQZ t CHZ Chip Deselect to Output in High Z -- -- 35 -- -- 30 ns t GHQZ t OHZ Output Disable to Output in High Z -- -- 30 -- -- 25 ns t AXOX t OH Data Hold from Address Change 10 -- -- 10 -- -- ns R0201-BS62LV1600 AC ELECTRICAL CHARACTERISTICS ( TA = -40oC to + 85oC ) READ CYCLE AC TEST CONDITIONS (Test Load and Input/Output Reference) KEY TO SWITCHING WAVEFORMS WAVEFORM INPUTS OUTPUTS MUST BE STEADY MAY CHANGE FROM H TO L DON T CARE: ANY CHANGE PERMITTED DOES NOT APPLY MUST BE STEADY WILL BE CHANGE FROM H TO L CHANGE : STATE UNKNOWN CENTER LINE IS HIGH IMPEDANCE ”OFF ”STATE MAY CHANGE FROM L TO H WILL BE CHANGE FROM L TO H , BSI BS62LV1600 PARAMETER Input Pulse Levels Vcc / 0V Input Rise and Fall Times 1V/ns Input and Output Timing Reference Level 0.5Vcc Output Load CL = 30pF+1TTL CL = 100pF+1TTL MIN. TYP. MAX. Vcc=2.7~5.5V MIN. TYP. MAX. Vcc=3.0~5.5V CYCLE TIME : 55ns |
Similar Part No. - BS62LV1600FC |
|
Similar Description - BS62LV1600FC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |