Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BS62LV1600EI Datasheet(PDF) 1 Page - Brilliance Semiconductor

Part # BS62LV1600EI
Description  Very Low Power/Voltage CMOS SRAM 2M X 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BSI [Brilliance Semiconductor]
Direct Link  
Logo BSI - Brilliance Semiconductor

BS62LV1600EI Datasheet(HTML) 1 Page - Brilliance Semiconductor

  BS62LV1600EI Datasheet HTML 1Page - Brilliance Semiconductor BS62LV1600EI Datasheet HTML 2Page - Brilliance Semiconductor BS62LV1600EI Datasheet HTML 3Page - Brilliance Semiconductor BS62LV1600EI Datasheet HTML 4Page - Brilliance Semiconductor BS62LV1600EI Datasheet HTML 5Page - Brilliance Semiconductor BS62LV1600EI Datasheet HTML 6Page - Brilliance Semiconductor BS62LV1600EI Datasheet HTML 7Page - Brilliance Semiconductor BS62LV1600EI Datasheet HTML 8Page - Brilliance Semiconductor BS62LV1600EI Datasheet HTML 9Page - Brilliance Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Revision 2.1
Jan.
2004
1
R0201-BS62LV1600
Very Low Power/Voltage CMOS SRAM
2M X 8 bit
• Wide Vcc operation voltage : 2.4V ~ 5.5V
• Very low power consumption :
Vcc = 3.0V C-grade: 45mA (@55ns) operating current
I -grade: 46mA (@55ns) operating current
C-grade: 36mA (@70ns) operating current
I -grade: 37mA (@70ns) operating current
3.0uA (Typ.) CMOS standby current
Vcc = 5.0V C-grade: 113mA (@55ns) operating current
I -grade: 115mA (@55ns) operating current
C-grade: 90mA (@70ns) operating current
I -grade: 92mA (@70ns) operating current
15uA (Typ.) CMOS standby current
• High speed access time :
-55
55ns
-70
70ns
• Automatic power down when chip is deselected
The BS62LV1600 is a high performance , very low power CMOS Static
Random Access Memory organized as 2048K words by 8 bits and
operates from a wide range of 2.4V to 5.5V supply voltage.
Advanced CMOS technology and circuit techniques provide both high
speed and low power features with a typical CMOS standby current of
3.0uA at 3V/25oC and maximum access time of 55ns at 3.0V/85oC.
Easy memory expansion is provided by an active LOW chip enable (CE1)
, an active HIGH chip enable (CE2) and active LOW output enable (OE)
and three-state output drivers.
The BS62LV1600 has an automatic power down feature, reducing the
power consumption significantly when chip is deselected.
The BS62LV1600 is available in 48B BGA and 44L TSOP2 packages.
GENERAL DESCRIPTION
FEATURES
FUNCTIONAL BLOCK DIAGRAM
PRODUCT FAMILY
PIN CONFIGURATIONS
Brilliance Semiconductor, Inc. reserves the right to modify document contents without notice.
Address
Input
Buffer
Row
Decoder
Memory Array
4096 X 4096
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
Address Input Buffer
Data
Buffer
Input
Control
Gnd
Vdd
OE
WE
CE2
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A20
A13
A17
A15
A18
A16
A14
A12
A7
A6
A5
A4
8
8
8
8
18
512
4096
4096
24
A11A9 A8 A3 A2 A1 A0A10 A19
BS62LV1600
POWER DISSIPATION
SPEED
( ns )
STANDBY
( ICCSB1, Max )
Operating
( ICC , Max )
PRODUCT
FAMILY
OPERATING
TEMPERATURE
Vcc
RANGE
Vcc=3V
Vcc=5V
Vcc=3V
Vcc=5V
PKG TYPE
BS62LV1600EC
TSOP2-44
BS62LV1600FC
+0 OC to +70OC
2.4V ~ 5.5V
55 / 70
10uA
110uA
36mA
90mA
BGA-48-0912
BS62LV1600EI
TSOP2-44
BS62LV1600FI
-40OC to +85OC
2.4V ~ 5.5V
55 / 70
20uA
220uA
37mA
92mA
BGA-48-0912
A4
A3
A2
A1
A0
CE1
NC
NC
DQ0
DQ1
VCC
GND
DQ2
DQ3
NC
A20
WE
A19
A18
A17
A16
A15
A5
A6
A7
OE
CE2
A8
NC
NC
DQ7
DQ6
GND
VCC
DQ5
DQ4
NC
NC
A9
A10
A11
A12
A13
A14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
BS62LV1600EC
BS62LV1600EI
CE1
BSI
• Three state outputs and TTL compatible
• Fully static operation
• Data retention supply voltage as low as 1.5V
• Easy expansion with CE1, CE2 and OE options
70ns
70ns
55ns : 3.0~5.5V
70ns : 2.7~5.5V
G
H
F
E
D
C
B
A
1
234
5
6
A9
A8
A11
A10
A18
A19
A12
A14
A13
A15
WE
NC
A20
NC
NC
NC
D3
D7
VSS
A17
A16
A7
VCC
VSS
VCC
D2
D1
D6
D5
VCC
A5
OE
A3
A0
A6
A4
A1
A2
CE2
NC
NC
NC
NC
NC
CE1
D4
NC
D0
48-ball BGA top view


Similar Part No. - BS62LV1600EI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1600EI55 BSI-BS62LV1600EI55 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600EI70 BSI-BS62LV1600EI70 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600EIG55 BSI-BS62LV1600EIG55 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600EIG55 BSI-BS62LV1600EIG55 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600EIG70 BSI-BS62LV1600EIG70 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
More results

Similar Description - BS62LV1600EI

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV1605 BSI-BS62LV1605 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1603 BSI-BS62LV1603 Datasheet
263Kb / 9P
   Very Low Power/Voltage CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600_06 Datasheet
207Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS62LV1600 BSI-BS62LV1600_08 Datasheet
243Kb / 10P
   Very Low Power CMOS SRAM 2M X 8 bit
BS616LV1626 BSI-BS616LV1626 Datasheet
255Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
List of Unclassifed Man...
BS616LV1623 ETC-BS616LV1623 Datasheet
256Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
logo
Brilliance Semiconducto...
BS616LV1622 BSI-BS616LV1622 Datasheet
257Kb / 10P
   Very Low Power/Voltage CMOS SRAM 1M x 16 or 2M x 8 bit switchable
BS62LV1029 BSI-BS62LV1029 Datasheet
424Kb / 10P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV1025 BSI-BS62LV1025 Datasheet
382Kb / 11P
   Very Low Power/Voltage CMOS SRAM 128K X 8 bit
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
   Very Low Power/Voltage CMOS SRAM 256K X 8 bit
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com