Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2174 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS2174 Datasheet HTML 4Page - Maxim Integrated Products DS2174 Datasheet HTML 5Page - Maxim Integrated Products DS2174 Datasheet HTML 6Page - Maxim Integrated Products DS2174 Datasheet HTML 7Page - Maxim Integrated Products DS2174 Datasheet HTML 8Page - Maxim Integrated Products DS2174 Datasheet HTML 9Page - Maxim Integrated Products DS2174 Datasheet HTML 10Page - Maxim Integrated Products DS2174 Datasheet HTML 11Page - Maxim Integrated Products DS2174 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
DS2174
8 of 24
1.7 Detailed Pin Description
Signal Name:
RCLK
Signal Description:
Receive Clock
Signal Type:
Input
Receive Clock Input. Up to a 155MHz clock to operate the receive circuit. Input data at RDATn is
sampled on the rising edge of RCLK.
Signal Name:
RCLK_EN
Signal Description:
Receive Clock Enable
Signal Type:
Input
Gaps the RCLK input to the receive circuit.
Signal Name:
RDAT0 to RDAT7
Signal Description:
Receive Data Inputs
Signal Type:
Input
RDAT0. Receive serial data/receive data bit 0 in nibble and byte mode
RDAT1. Receive data bit 1 in nibble and byte mode
RDAT2. Receive data bit 2 in nibble and byte mode
RDAT3. Receive data bit 3 in nibble and byte mode
RDAT4. Receive data bit 4 in byte mode
RDAT5. Receive data bit 5 in byte mode
RDAT6. Receive data bit 6 in byte mode
RDAT7. Receive data bit 7 in byte mode
Signal Name:
A0 to A3
Signal Description:
Address Inputs
Signal Type:
Input
Address bus for addressing the control registers.
Signal Name:
CS
Signal Description:
Chip Select
Signal Type:
Input
Active-low signal. Must be low to read or write to the part.
Signal Name:
RD
Signal Description:
Read Strobe
Signal Type:
Input
Active-low signal. Must be low to read from the part.
Signal Name:
WR
Signal Description:
Write Strobe
Signal Type:
Input
Active-low signal. Must be low to write to the part.
Signal Name:
TEST
Signal Description:
TEST Input
Signal Type:
Input (with internal 10k? pullup)
Test Input. Should be left floating or held high.


Similar Part No. - DS2174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2174Q MAXIM-DS2174Q Datasheet
263Kb / 24P
   EBERT
091302
More results

Similar Description - DS2174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2174Q MAXIM-DS2174Q Datasheet
263Kb / 24P
   EBERT
091302
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com