Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2174 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # DS2174
Description  EBERT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2174 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button DS2174 Datasheet HTML 5Page - Maxim Integrated Products DS2174 Datasheet HTML 6Page - Maxim Integrated Products DS2174 Datasheet HTML 7Page - Maxim Integrated Products DS2174 Datasheet HTML 8Page - Maxim Integrated Products DS2174 Datasheet HTML 9Page - Maxim Integrated Products DS2174 Datasheet HTML 10Page - Maxim Integrated Products DS2174 Datasheet HTML 11Page - Maxim Integrated Products DS2174 Datasheet HTML 12Page - Maxim Integrated Products DS2174 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
DS2174
9 of 24
Signal Name:
TEST
Signal Description:
TEST Input
Signal Type:
Input (with internal 10k? pullup)
Test Input. Should be left floating or held high.
Signal Name:
TCLK
Signal Description:
Transmit Clock
Signal Type:
Input
Transmit Clock Input. Up to a 155MHz clock to operate the transmit circuit. Data is output at TDATn
and is updated on the rising edge of TCLK.
Signal Name:
TCLK_EN
Signal Description:
Transmit Clock Enable
Signal Type:
Input
Gaps the TCLK input to the transmit circuit.
Signal Name:
TCLKO
Signal Description:
TCLK Output
Signal Type:
Output
Output of the TCLK gapping circuit. Gapped by TCLK_EN.
Signal Name:
TDAT0 to TDAT7
Signal Description:
Transmit Data Outputs
Signal Ty pe:
Output
TDAT0. Transmit serial data/receive data bit 0 in nibble and byte mode
TDAT1.Transmit data bit 1 in nibble and byte mode
TDAT2. Transmit data bit 2 in nibble and byte mode
TDAT3. Transmit data bit 3 in nibble and byte mode
TDAT4. Transmit data bit 4 in byte mode
TDAT5. Transmit data bit 5 in byte mode
TDAT6. Transmit data bit 6 in byte mode
TDAT7. Transmit data bit 7 in byte mode
Signal Name:
D0 to D7
Signal Description:
Data I/O
Signal Type:
I/O
Parallel data pins.


Similar Part No. - DS2174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2174Q MAXIM-DS2174Q Datasheet
263Kb / 24P
   EBERT
091302
More results

Similar Description - DS2174

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2174Q MAXIM-DS2174Q Datasheet
263Kb / 24P
   EBERT
091302
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com