Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M36W0R6040T0 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M36W0R6040T0
Description  64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M36W0R6040T0 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M36W0R6040T0 Datasheet HTML 4Page - STMicroelectronics M36W0R6040T0 Datasheet HTML 5Page - STMicroelectronics M36W0R6040T0 Datasheet HTML 6Page - STMicroelectronics M36W0R6040T0 Datasheet HTML 7Page - STMicroelectronics M36W0R6040T0 Datasheet HTML 8Page - STMicroelectronics M36W0R6040T0 Datasheet HTML 9Page - STMicroelectronics M36W0R6040T0 Datasheet HTML 10Page - STMicroelectronics M36W0R6040T0 Datasheet HTML 11Page - STMicroelectronics M36W0R6040T0 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
M36W0R6040T0, M36W0R6040B0
8/18
FUNCTIONAL DESCRIPTION
The Flash Memory and PSRAM components have
separate power supplies but share the same
grounds. They are distinguished by three Chip En-
able inputs: EF for the Flash memory and E1P and
E2P for the PSRAM.
Recommended operating conditions do not allow
more than one device to be active at a time. The
most common example is simultaneous read oper-
ations on the Flash memory and the PSRAM
which would result in a data bus contention.
Therefore it is recommended to put the other de-
vices in the high impedance state when reading
the selected device.
Figure 4. Functional Block Diagram
AI08449
E1P
E2P
GP
WP
DQ0-DQ15
VDDF
A0-A19
A20-A21
16 Mbit
PSRAM
GF
UBP
LBP
WAITF
64 Mbit
Flash
Memory
VDDP
EF
KF
WF
LF
RPF
WPF
VPPF VDDQ
VSS


Similar Part No. - M36W0R6040T0

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M36W0R6040T1 NUMONYX-M36W0R6040T1 Datasheet
441Kb / 22P
   64 Mbit (4 Mb 횞16, Multiple Bank, Burst) Flash memory and 16 Mbit (1 Mb 횞16) PSRAM, multi-chip package
M36W0R6040T3 NUMONYX-M36W0R6040T3 Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
M36W0R6040T3ZAQE NUMONYX-M36W0R6040T3ZAQE Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
M36W0R6040T3ZAQF NUMONYX-M36W0R6040T3ZAQF Datasheet
468Kb / 22P
   64-Mbit (4 Mbits 횞16, multiple bank, burst) Flash memory and 16-Mbit (1 Mbit 횞16) or 32-Mbit (2 Mbits x16) PSRAM MCP
More results

Similar Description - M36W0R6040T0

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36D0R6040T0 STMICROELECTRONICS-M36D0R6040T0 Datasheet
329Kb / 18P
   64 Mbit (4Mb x16, Multiple Bank, Page) Flash Memory and 16 Mbit (1Mb x16) PSRAM, Multi-Chip Package
M36W0R6030T0 STMICROELECTRONICS-M36W0R6030T0 Datasheet
448Kb / 26P
   64 Mbit (4Mb x16, Multiple Bank, Burst) Flash Memory and 8 Mbit (512Kb x16) SRAM, Multi-Chip Package
M36WT864TF STMICROELECTRONICS-M36WT864TF Datasheet
624Kb / 92P
   64 Mbit 4Mb x16, Multiple Bank, Burst Flash Memory and 8 Mbit 512K x16 SRAM, Multiple Memory Product
M36P0R9060E0 STMICROELECTRONICS-M36P0R9060E0 Datasheet
203Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M58WR064FT STMICROELECTRONICS-M58WR064FT Datasheet
573Kb / 87P
   64 Mbit (4Mb x16, Multiple Bank, Burst) 1.8V Supply Flash Memory
logo
Numonyx B.V
M36P0R9060E0 NUMONYX-M36P0R9060E0 Datasheet
459Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 64 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
M36L0T7050T2 NUMONYX-M36L0T7050T2 Datasheet
442Kb / 22P
   128 Mbit (Multiple Bank, Multi-Level, Burst) Flash memory and 32 Mbit (2Mb x16) PSRAM, Multi-Chip Package
logo
STMicroelectronics
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0 Datasheet
200Kb / 26P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash Memory 128 Mbit (Burst) PSRAM, 1.8V Supply, Multi-Chip Package
M36P0R9070E0 STMICROELECTRONICS-M36P0R9070E0_06 Datasheet
214Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
logo
Numonyx B.V
M36P0R9070E0 NUMONYX-M36P0R9070E0 Datasheet
468Kb / 23P
   512 Mbit (x16, Multiple Bank, Multi-Level, Burst) Flash memory 128 Mbit (Burst) PSRAM, 1.8V supply, Multi-Chip Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com