Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCI930 Datasheet(PDF) 3 Page - Texas Instruments

Part # PCI930
Description  3-TO-1 ZOOMED VIDEO SWITCH
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PCI930 Datasheet(HTML) 3 Page - Texas Instruments

  PCI930 Datasheet HTML 1Page - Texas Instruments PCI930 Datasheet HTML 2Page - Texas Instruments PCI930 Datasheet HTML 3Page - Texas Instruments PCI930 Datasheet HTML 4Page - Texas Instruments PCI930 Datasheet HTML 5Page - Texas Instruments PCI930 Datasheet HTML 6Page - Texas Instruments PCI930 Datasheet HTML 7Page - Texas Instruments PCI930 Datasheet HTML 8Page - Texas Instruments PCI930 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PCI930
3-TO-1 ZOOMED VIDEO SWITCH
SCPS018B – OCTOBER 1997 – REVISED DECEMBER 1997
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
terminal assignments
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
96
95
94
93
92
91
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
30
67
NC
ZV_Y0
ZV_VSYNC
ZV_HREF
GND
GND
GND
C_PCLK
C_SDATA
C_MCLK
C_SCLK
GND
C_UV2
NC
GND
A_UV2
A_UV3
A_UV7
A_SCLK
A_MCLK
A_LRCLK
A_SDATA
A_PCLK
B_HREF
GND
B_VSYNC
B_Y0
B_UV0
VCC
VCC
VCC
VCC
PCI930
(TOP VIEW)
32
NC
31
66
65
C_UV1
NC
A_UV0
A_UV1
VCCS
A_UV4
A_UV5
A_UV6
B_Y1
B_Y2
B_Y3
B_Y4
B_Y5
B_Y6
B_Y7
B_UV1
VCCS
C_UV3
C_UV4
C_UV5
C_UV6
C_UV7
C_LRCLK
ZV_Y1
ZV_Y2
ZV_Y3
ZV_Y4
ZV_Y5
ZV_Y6
ZV_Y7
ZV_UV0


Similar Part No. - PCI930

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCI9030 ETC-PCI9030 Datasheet
323Kb / 4P
   SMARTarget??I/O Accelerator
logo
PLX Technology
PCI9030 PLX-PCI9030 Datasheet
416Kb / 4P
   SMARTarget??I/O Accelerator
PCI9030-AA60BI PLX-PCI9030-AA60BI Datasheet
416Kb / 4P
   SMARTarget??I/O Accelerator
PCI9030-AA60BIF PLX-PCI9030-AA60BIF Datasheet
416Kb / 4P
   SMARTarget??I/O Accelerator
PCI9030-AA60PI PLX-PCI9030-AA60PI Datasheet
416Kb / 4P
   SMARTarget??I/O Accelerator
More results

Similar Description - PCI930

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
ON Semiconductor
FSAV433 ONSEMI-FSAV433 Datasheet
888Kb / 12P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
January 2011 Rev. 1.4.3
logo
Fairchild Semiconductor
FSAV433 FAIRCHILD-FSAV433_11 Datasheet
1Mb / 10P
   High-Bandwidth (550MHz), 3-Channel, 3:1 Video Switch
logo
New Japan Radio
NJM2235 NJRC-NJM2235 Datasheet
205Kb / 5P
   3-INPUT VIDEO SWITCH?
NJM2249 NJRC-NJM2249 Datasheet
193Kb / 4P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034 Datasheet
246Kb / 6P
   3-INPUT VIDEO SWITCH
logo
New Japan Radio
NJM2234 NJRC-NJM2234 Datasheet
204Kb / 5P
   3-INPUT VIDEO SWITCH
logo
Unisonic Technologies
M4034 UTC-M4034_11 Datasheet
206Kb / 6P
   3-INPUT VIDEO SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com