Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLP797J Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLP797J
Description  TELECOMMUNICATION MEASUREMENT EQUIPMENT FA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP797J Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLP797J Datasheet HTML 1Page - Toshiba Semiconductor TLP797J Datasheet HTML 2Page - Toshiba Semiconductor TLP797J Datasheet HTML 3Page - Toshiba Semiconductor TLP797J Datasheet HTML 4Page - Toshiba Semiconductor TLP797J Datasheet HTML 5Page - Toshiba Semiconductor TLP797J Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TLP797J
MAXIMUM RATINGS (Ta
= 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current
IF
50
mA
Forward Current Derating (Ta >
= 25°C)
∆IF/°C
−0.5
mA/°C
Peak Forward Current (100
µs pulse, 100 pps)
IFP
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Off-State Output Terminal Voltage
VOFF
600
V
A Connection
100
B Connection
100
On-State Current
C Connection
ION
200
mA
A Connection
−1.0
B Connection
−1.0
On-State Current Derating
(Ta >
= 25°C)
C Connection
∆ION/°C
−2.0
mA/°C
Junction Temperature
Tj
125
°C
Storage Temperature Range
Tstg
−55~125
°C
Operating Temperature Range
Topr
−40~85
°C
Lead Soldering Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC, 1 minute, R.H. < 60%) (NOTE1)
=
BVS
5000
Vrms
(NOTE1) :
Device considered a two-terminal device : Pins 1, 2 and 3 shorted together, and
pins 4, 5 and 6 shorted together.
RECOMMENDED OPERATING CONDITIONS
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
480
V
Forward Current
IF
7.5
15
25
mA
On-State Current
ION
100
mA
Operating Temperature
Topr
−20
65
°C
CIRCUIT CONNECTIONS
1
2
3
6
5
4
AC
or
DC
LOAD
1
2
3
6
5
4
DC
LOAD
1
2
3
6
5
4
DC
LOAD
A Connection
B Connection
C Connection
2001-08-20
2/6


Similar Part No. - TLP797J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP797J TOSHIBA-TLP797J Datasheet
161Kb / 7P
   Measurement Instrumenation
TLP797JF TOSHIBA-TLP797JF Datasheet
408Kb / 7P
   TOSHIBA Photocoupler Photo Relay
2019-06-24
TLP797J TOSHIBA-TLP797J_07 Datasheet
161Kb / 7P
   Measurement Instrumenation
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
More results

Similar Description - TLP797J

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP4027G TOSHIBA-TLP4027G_07 Datasheet
176Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4172G TOSHIBA-TLP4172G_07 Datasheet
161Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G_07 Datasheet
192Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G Datasheet
134Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4192G TOSHIBA-TLP4192G Datasheet
165Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4202G TOSHIBA-TLP4202G_07 Datasheet
162Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G_07 Datasheet
174Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4007G TOSHIBA-TLP4007G Datasheet
156Kb / 7P
   Telecommunication Measurement Equipment Security Equipment FA
TLP4222G TOSHIBA-TLP4222G Datasheet
137Kb / 6P
   Telecommunication Measurement Equipment Security Equipment FA
TLP797J TOSHIBA-TLP797J_14 Datasheet
123Kb / 2P
   Telecommunication Measurement Instrumenation FA
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com