Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U6433B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # U6433B
Description  FLASHER, 18-M SHUNT, FREQUENCY DOUBLING DISABLING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U6433B Datasheet(HTML) 3 Page - ATMEL Corporation

  U6433B Datasheet HTML 1Page - ATMEL Corporation U6433B Datasheet HTML 2Page - ATMEL Corporation U6433B Datasheet HTML 3Page - ATMEL Corporation U6433B Datasheet HTML 4Page - ATMEL Corporation U6433B Datasheet HTML 5Page - ATMEL Corporation U6433B Datasheet HTML 6Page - ATMEL Corporation U6433B Datasheet HTML 7Page - ATMEL Corporation U6433B Datasheet HTML 8Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
U6433B
4810A–AUTO–03/04
Pin Configuration
Figure 2. Pinning SO8
1
2
3
4
8
7
6
5
GND
REL
OSC
SI
LD
VS
OSC
U6433B
VS
Pin Description
Pin
Symbol
Function
1
GND
IC ground
2
VS
Supply voltage
3
REL
Relay driver
4OSC
Oscillator
5OSC
Oscillator
6
VS
Supply voltage
7
LD
Lamp failure detection
8
SI
Start input (49a)


Similar Part No. - U6433B

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
ATMEL Corporation
U6433B ATMEL-U6433B Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
TEMIC Semiconductors
U6433B-FP TEMIC-U6433B-FP Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
ATMEL Corporation
U6433B ATMEL-U6433B_05 Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
More results

Similar Description - U6433B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U6433B ATMEL-U6433B_05 Datasheet
195Kb / 8P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
logo
TEMIC Semiconductors
U6433B TEMIC-U6433B Datasheet
123Kb / 5P
   Flasher, 18-m Shunt, Frequency Doubling Disabling
U644B TEMIC-U644B Datasheet
202Kb / 6P
   Flasher, 18-m Shunt, Extremly Low Current Consumption
logo
ATMEL Corporation
U6432B ATMEL-U6432B Datasheet
199Kb / 9P
   Low-power Flasher IC with 18-m Shunt
U6043B ATMEL-U6043B_05 Datasheet
248Kb / 8P
   Flasher IC with 18-mOHM Shunt
U6043B ATMEL-U6043B Datasheet
221Kb / 9P
   FLASHER IC WITH 19-M SHUNT
logo
Data Delay Devices, Inc...
FDU-2 DATADELAY-FDU-2 Datasheet
114Kb / 1P
   FREQUENCY DOUBLING UNIT
logo
ATMEL Corporation
U6432B ATMEL-U6432B_06 Datasheet
216Kb / 9P
   Low-power Flasher IC with 18-mOHM Shunt
U643B ATMEL-U643B_05 Datasheet
251Kb / 9P
   Flasher, 30-mohm Shunt
U643B ATMEL-U643B Datasheet
57Kb / 5P
   Flasher, 30-mohm Shunt
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com