Electronic Components Datasheet Search |
|
COP8SGH640N8 Datasheet(PDF) 9 Page - National Semiconductor (TI) |
|
|
COP8SGH640N8 Datasheet(HTML) 9 Page - National Semiconductor (TI) |
9 / 62 page AC Electrical Characteristics (Continued) Note 4: Maximum rate of voltage change must be < 0.5 V/ms. Note 5: Supply and IDLE currents are measured with CKI driven with a square wave Oscillator, External Oscillator, inputs connected to VCC and outputs driven low but not connected to a load. Note 6: The HALT mode will stop CKI from oscillating in the R/C and the Crystal configurations. In the R/C configuration, CKI is forced high internally. In the crystal or external configuration, CKI is TRI-STATE. Measurement of IDD HALT is done with device neither sourcing nor sinking current; with L. F, C, G0, and G2–G5 programmed as low outputs and not driving a load; all outputs programmed low and not driving a load; all inputs tied to VCC; clock monitor disabled. Parameter refers to HALT mode entered via setting bit 7 of the G Port data register. Note 7: Pins G6 and RESET are designed with a high voltage input network. These pins allow input voltages > VCC and the pins will have sink current to VCC when biased at voltages > VCC (the pins do not have source current when biased at a voltage below VCC). The effective resistance to VCC is 750Ω (typical). These two pins will not latch up. The voltage at the pins must be limited to < 14V. WARNING: Voltages in excess of 14V will cause damage to the pins. This warning excludes ESD transients. Note 8: National Semiconductor uses the High Temperature Storage Life (HTSL) test to evaluate the data retention capabilities of the EPROM memory cells used in our OTP microcontrollers. Qualification devices have been stressed at 150˚C for 1000 hours. Under these conditions, our EPROM cells exhibit data retention capabilities in excess of 29 years. This is based on an activation energy of 0.7eV derated to 55˚C. Note 9: Parameter characterized but not tested. Note 10: Rise times faster than the minimum specification may trigger an internal power-on-reset. Note 11: MICROWIRE Setup and Hold Times and Propagation Delays are referenced to the appropriate edge of the MICROWIRE clock. See and the MICROWIRE operation description. Comparators AC and DC Characteristics V CC = 5V, −40˚C ≤ TA ≤ +85˚C. Parameter Conditions Min Typ Max Units Input Offset Voltage (Note 12) 0.4V ≤ V IN ≤ VCC − 1.5V ±5 ±15 mV Input Common Mode Voltage Range 0.4 V CC − 1.5 V Voltage Gain 100 dB Low Level Output Current V OL = 0.4V −1.6 mA High Level Output Current V OH =VCC − 0.4V 1.6 mA DC Supply Current per Comparator (When Enabled) 150 µA Response Time (Note 13) 200 mV step input 100 mV Overdrive, 100 pF Load 600 ns Comparator Enable Time(Note 14) 600 ns Note 12: The comparator inputs are high impedance port inputs and, as such, input current is limited to port input leakage current. Note 13: Response time is measured from a step input to a valid logic level at the comparator output. software response time is dependent of instruction execution. Note 14: Comparator enable time is that delay time required between the end of the instruction cycle that enables the comparator and using the output of the comparator, either by hardware or by software. 10131709 FIGURE 3. MICROWIRE/PLUS Timing www.national.com 9 |
Similar Part No. - COP8SGH640N8 |
|
Similar Description - COP8SGH640N8 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |