Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1278-SP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1278-SP
Description  Radiation Hardened 8-Ch Simultaneous-Sampling 24-Bit Analog-to-Digital Converter
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1278-SP Datasheet(HTML) 3 Page - Texas Instruments

  ADS1278-SP Datasheet HTML 1Page - Texas Instruments ADS1278-SP Datasheet HTML 2Page - Texas Instruments ADS1278-SP Datasheet HTML 3Page - Texas Instruments ADS1278-SP Datasheet HTML 4Page - Texas Instruments ADS1278-SP Datasheet HTML 5Page - Texas Instruments ADS1278-SP Datasheet HTML 6Page - Texas Instruments ADS1278-SP Datasheet HTML 7Page - Texas Instruments ADS1278-SP Datasheet HTML 8Page - Texas Instruments ADS1278-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 57 page
background image
20
22
21
23
24
25
19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63
84
83
82
81
80
79
78
76
75
74
73
72
71
70
69
68
67
66
65
64
77
3
ADS1278-SP
www.ti.com
SBAS937 – SEPTEMBER 2018
Product Folder Links: ADS1278-SP
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
5 Description (continued)
Four operating modes allow for optimization of speed, resolution, and power. All operations are controlled directly
by pins; there are no registers to program. The device is fully specified over the extended temperature range of
–55°C to 125°C and is available in an 84-pin HFQ package.
6 Pin Configuration and Functions
HFQ Package
84-Pin CFP
Top View


Similar Part No. - ADS1278-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS1278-SP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1278-EP TI1-ADS1278-EP Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT_16 Datasheet
1Mb / 56P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1278-HT TI1-ADS1278-HT Datasheet
1Mb / 45P
[Old version datasheet]   OCTAL SIMULTANEOUS-SAMPLING 24-BIT ANALOG-TO-DIGITAL CONVERTER
logo
Analog Devices
AD7771 AD-AD7771 Datasheet
357Kb / 14P
   8-Ch, 24-Bit Simultaneous Sampling ADC
logo
Intersil Corporation
HS-9008RH INTERSIL-HS-9008RH_05 Datasheet
179Kb / 4P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
HS-9008RH INTERSIL-HS-9008RH Datasheet
193Kb / 5P
   Radiation Hardened CMOS 8-Bit Flash Analog-to-Digital Converter
logo
Texas Instruments
ADS1278 TI1-ADS1278_14 Datasheet
1Mb / 52P
[Old version datasheet]   Octal, Simultaneous Sampling, 24-Bit Analog-to-Digital Converters
THS1009 TI-THS1009 Datasheet
235Kb / 31P
[Old version datasheet]   10-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS1209 TI1-THS1209_14 Datasheet
327Kb / 34P
[Old version datasheet]   12-BIT, 2 ANALOG INPUT, 8 MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
THS10082 TI-THS10082 Datasheet
263Kb / 34P
[Old version datasheet]   10 bit TWO ANALOG INPUT, 8 MSPS SIMULTANEOUS SAMPLING ANALOG TO DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com