Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC34363 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UC34363
Description  BATTERY CHARGERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC34363 Datasheet(HTML) 2 Page - Unisonic Technologies

  UC34363_14 Datasheet HTML 1Page - Unisonic Technologies UC34363_14 Datasheet HTML 2Page - Unisonic Technologies UC34363_14 Datasheet HTML 3Page - Unisonic Technologies UC34363_14 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UC34363
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R103-059.b
PI N CON FI GU RAT I ON
PI N DESCRI PT I ON
PIN NO.
PIN NAME
DESCRIPTION
1
VCC
Power Supply
2
CV-
Negative Input of the Voltage Amplifier
3
ENABLE
Enable Controlled ON/OFF for IC
4
VREF
3V external Voltage Reference
5
CC+
Positive Input of Current Amplifier
6
CC-
Negative Input of Current Amplifier
7
OUTPUT
Output
8
GND
Ground
BLOCK DI AGRAM
VCC
CV-
EN
VREF
CC+
CC-
Output
GND
-
+
Compensation
COMP
+-
OCP
+-
CV
+
-
Compensation
VREF=3V
Driver
+
-
S
RQ
S
R
Q
Clock
Delay
Ramp
D1
D2
CC


Similar Part No. - UC34363_14

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UC34363G-S08-R UTC-UC34363G-S08-R Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363G-S08-T UTC-UC34363G-S08-T Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363L-S08-R UTC-UC34363L-S08-R Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
UC34363L-S08-T UTC-UC34363L-S08-T Datasheet
172Kb / 6P
   CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER FOR BATTERY CHARGERS
More results

Similar Description - UC34363_14

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1647 MAXIM-MAX1647_V01 Datasheet
333Kb / 25P
   Chemistry-Independent Battery Chargers
2002
MAX1647 MAXIM-MAX1647 Datasheet
161Kb / 24P
   Chemistry-Independent Battery Chargers
19-1158; Rev 0; 12/96
logo
Harris Corporation
RF-5855 HARRIS-RF-5855 Datasheet
309Kb / 2P
   AC/DC Battery Chargers
logo
Unisonic Technologies
UM608 UTC-UM608_15 Datasheet
221Kb / 4P
   CONTROLLER FOR BATTERY CHARGERS
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908 Datasheet
879Kb / 27P
   Low-Cost Multichemistry Battery Chargers
Rev 2; 7/04
MAX1908 MAXIM-MAX1908_05 Datasheet
403Kb / 29P
   Low-Cost Multichemistry Battery Chargers
Rev 4; 7/05
logo
Gamewell-FCI by Honeywe...
HPF24S6 GAMEWELL-FCI-HPF24S6 Datasheet
94Kb / 2P
   Power Supplies with Battery Chargers
logo
Maxim Integrated Produc...
MAX1908 MAXIM-MAX1908_09 Datasheet
347Kb / 30P
   Low-Cost Multichemistry Battery Chargers
Rev 5; 11/09
logo
Rohm
BD5650AFVM ROHM-BD5650AFVM Datasheet
355Kb / 12P
   Power Management ICs for Battery Chargers
logo
SL Power Electronics
BCM-306-150 SLPOWER-BCM-306-150 Datasheet
101Kb / 2P
   BCM NiCd WIDE RANGE BATTERY CHARGERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com