Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27743 Datasheet(PDF) 17 Page - Texas Instruments

Part # BQ27743
Description  Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27743 Datasheet(HTML) 17 Page - Texas Instruments

Back Button BQ27743 Datasheet HTML 13Page - Texas Instruments BQ27743 Datasheet HTML 14Page - Texas Instruments BQ27743 Datasheet HTML 15Page - Texas Instruments BQ27743 Datasheet HTML 16Page - Texas Instruments BQ27743 Datasheet HTML 17Page - Texas Instruments BQ27743 Datasheet HTML 18Page - Texas Instruments BQ27743 Datasheet HTML 19Page - Texas Instruments BQ27743 Datasheet HTML 20Page - Texas Instruments BQ27743 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
17
bq27743
www.ti.com
SLUSCM0A – JUNE 2017 – REVISED SEPTEMBER 2018
Product Folder Links: bq27743
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.3.3 FULLSLEEP Mode
FULLSLEEP mode turns off the high-frequency oscillator and performs AverageCurrent(), Voltage(), and
Temperature() less frequently, which results in power consumption that is lower than that of the SLEEP mode.
FULLSLEEP mode can be enabled by two methods:
Setting the [FULLSLEEP] bit in the Control Status register using the FULL_SLEEP subcommand and Full
Sleep Wait Time (FS Wait) in data flash is set as 0.
Setting the Full Sleep Wait Time (FS Wait) in data flash to a number larger than 0. This method is disabled
when the FS Wait is set as 0.
FULLSLEEP mode is entered automatically when it is enabled by one of the methods above. When the first
method is used, the gauge enters the FULLSLEEP mode when the fuel gauge is in SLEEP mode. When the
second method is used, the FULLSLEEP mode is entered when the fuel gauge is in SLEEP mode and the timer
counts down to 0.
The fuel gauge exits the FULLSLEEP mode when there is any communication activity. Therefore, the execution
of SET_FULLSLEEP sets the [FULLSLEEP] bit. The FULLSLEEP mode can be verified by measuring the
current consumption of the gauge.
During FULLSLEEP mode, the fuel gauge periodically takes data measurements and updates its data set.
However, a majority of its time is spent in an idle condition.
The fuel gauge exits SLEEP if any entry condition is broken, specifically when either:
AverageCurrent() rises above Sleep Current or
A current in excess of IWAKE through RSENSE is detected.
While in FULLSLEEP mode, the fuel gauge can suspend serial communications by as much as 4 ms by holding
the comm line(s) low. This delay is necessary to correctly process host communication, because the fuel gauge
processor is mostly halted in SLEEP mode.
8.3.3.4 SHUTDOWN Mode
In SHUTDOWN mode, the gauge and protector are completely shutdown. The device automatically enters
SHUTDOWN mode when the following conditions are satisfied:
|Current()| < SleepCurrent
|Voltage()| < Shutdown V for a period of V Shut Delay
Device is in SLEEP or FULLSLEEP mode.
The device can also be instructed to enter SHUTDOWN mode by sending the SET_SHUTDOWN command.
Once received, the fuel gauge sets the CONTROL_STATUS[SHUTDWN] bit and initiates the shutdown
sequence, which opens both the charge and discharge FETs and waits for charger removal.
8.3.4 Li-Ion Battery Protector Description
The battery protector controls two external high-side N-channel FETs in a back-to-back configuration for battery
protection. The protector uses two voltage doublers to drive the CHG and DSG FETs on.
8.3.4.1 High-Side NFET Charge and Discharge FET Drive
These FETs are automatically turned off by the protector based on the detected hardware protection faults or by
the fuel gauge based on detected firmware protection faults. This enables the gauge to be configured with
effectively two levels of safety: the first level employing conservative protection settings to keep the cell within a
safe operating area and the second level set to act as a fail-safe measure to prevent cell damage. Once the
protection fault(s) is deemed to be cleared, the protector or fuel gauge will re-enable the applicable FET(s).
Additionally, the FET drivers can be manually tested at production using the Test(0x74/0x75) extended command
if needed.


Similar Part No. - BQ27743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI-BQ27741-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFT-G1 TI-BQ27741YZFT-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Similar Description - BQ27743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com