Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ27743 Datasheet(PDF) 14 Page - Texas Instruments

Part # BQ27743
Description  Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ27743 Datasheet(HTML) 14 Page - Texas Instruments

Back Button BQ27743 Datasheet HTML 10Page - Texas Instruments BQ27743 Datasheet HTML 11Page - Texas Instruments BQ27743 Datasheet HTML 12Page - Texas Instruments BQ27743 Datasheet HTML 13Page - Texas Instruments BQ27743 Datasheet HTML 14Page - Texas Instruments BQ27743 Datasheet HTML 15Page - Texas Instruments BQ27743 Datasheet HTML 16Page - Texas Instruments BQ27743 Datasheet HTML 17Page - Texas Instruments BQ27743 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
130
135
140
145
150
155
160
165
170
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature (
ƒC)
VPWR = 2.8V
VPWR = 3.7V
VPWR = 4.2V
C020
32
33
34
35
36
37
38
39
-40 -30 -20 -10
0
10
20
30
40
50
60
70
80
Temperature (
ƒC)
VPWR = 2.8V
VPWR = 3.7V
VPWR = 4.2V
C021
29.00
29.50
30.00
30.50
31.00
31.50
32.00
32.50
33.00
33.50
34.00
±40 ±30 ±20 ±10
0
10
20
30
40
50
60
70
80
Temperature (
ƒC)
C001
280
285
290
295
300
305
310
315
320
325
330
335
340
345
350
±40 ±30 ±20 ±10
0
10
20
30
40
50
60
70
80
Temperature (
ƒC)
C001
29.00
29.50
30.00
30.50
31.00
31.50
32.00
32.50
33.00
33.50
34.00
±40 ±30 ±20 ±10
0
10
20
30
40
50
60
70
80
Temperature (
ƒC)
C001
6.80
7.00
7.20
7.40
7.60
7.80
8.00
8.20
8.40
8.60
8.80
9.00
±40 ±30 ±20 ±10
0
10
20
30
40
50
60
70
80
Temperature (
ƒC)
C001
14
bq27743
SLUSCM0A – JUNE 2017 – REVISED SEPTEMBER 2018
www.ti.com
Product Folder Links: bq27743
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 9. Undervoltage Delay Time
Figure 10. Overcurrent in Charge Delay Time vs
Temperature
Figure 11. Overcurrent in Discharge Delay vs Temperature
Figure 12. Short-Circuit in Discharge Delay vs Temperature
Performance with CL = 4 nF
Figure 13. FET Gate Rise Time vs Temperature
Performance with CL = 4 nF
Figure 14. FET Gate Fall Time vs Temperature


Similar Part No. - BQ27743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27741-G1 TI-BQ27741-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFT-G1 TI-BQ27741YZFT-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results

Similar Description - BQ27743

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27742-G1 TI1-BQ27742-G1 Datasheet
1Mb / 46P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge with Programmable Hardware Protection
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27741YZFR-G1 TI-BQ27741YZFR-G1 Datasheet
896Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
BQ27546-G1 TI1-BQ27546-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
REVISED DECEMBER 2015
logo
Microchip Technology
PS810 MICROCHIP-PS810 Datasheet
664Kb / 46P
   Li Ion Single Cell Fuel Gauge
2006
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com