Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HGPRDT005A Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # HGPRDT005A
Description  Pitch Free Encoder
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HGPRDT005A Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

Back Button HGPRDT005A Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HGPRDT005A Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HGPRDT005A Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HGPRDT005A Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HGPRDT005A Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HGPRDT005A Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HGPRDT005A Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. HGPRDT005A Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. HGPRDT005A Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
( 7/14 )
Figure 3-3 Duty and Phase Difference
3.5 Magnetc Characteristics 磁気特性
Figure 3-4 Definition of Sensitivity Direction
Table3-4 Operating Magnetic Field
[note]
In case of applying magnetic field only sensor sensitivity direction for each
SBD GE-043
Parameter
Symbol
Values
Unit
Note
Min.
Typ.
Max.
0.8
mT
Operating Magnetic Field
25deg.C
-
DATASHEET
ALPS P/N: HGPRDT005A
mT
mT
-
Hon
Hoff
Hhys
-
(-1.6)
(1.6)
-
1.6
-0.8
T
OUT-2
t
Duty
D = t/T ×100 [%]
Pdiff
OUT-1
V Hi
V Low
-H
Hoff
0
Hon
+H
[OUT1,2]
VOH
VOL
+
+
Sensitivity 
Sensitivity Direction for Vout2


Similar Part No. - HGPRDT005A

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
HGP-16-A-B-SSK FESTO-HGP-16-A-B-SSK Datasheet
83Kb / 2P
   Parallel gripper
HGP-25-A-B-SSK FESTO-HGP-25-A-B-SSK Datasheet
83Kb / 2P
   Parallel gripper
logo
Schneider Electric
HGP26015 SCHNEIDER-HGP26015 Datasheet
129Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 15A, 2 pole, 600V, 18kA
HGP26020 SCHNEIDER-HGP26020 Datasheet
129Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 20A, 2 pole, 600V, 18kA
HGP26030 SCHNEIDER-HGP26030 Datasheet
129Kb / 2P
   Circuit breaker, PowerPact H, thermal magnetic, 30A, 2 pole, 600V, 18kA
More results

Similar Description - HGPRDT005A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BT868 ETC-BT868 Datasheet
2Mb / 104P
   Flicker-Free Video Encoder with UltrascaleTM Technology
logo
Bourns Electronic Solut...
PES12_MDS BOURNS-PES12_MDS Datasheet
343Kb / 2P
   ENCODER
logo
Advanced Analogic Techn...
SM5021 ANALOGICTECH-SM5021 Datasheet
38Kb / 8P
   ENCODER
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
logo
Winbond
W9952QP WINBOND-W9952QP Datasheet
30Kb / 1P
   TV ENCODER
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
   Mechanical Encoder
Revision: 05-Aug-04
logo
ELAN Microelectronics C...
EM83049 EMC-EM83049 Datasheet
96Kb / 17P
   KEYBOARD ENCODER
EM83050H EMC-EM83050H Datasheet
116Kb / 20P
   KEYBOARD ENCODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com