Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSCDTD008A Datasheet(PDF) 11 Page - ALPS ELECTRIC CO.,LTD.

Part # HSCDTD008A
Description  Geomagnetic Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSCDTD008A Datasheet(HTML) 11 Page - ALPS ELECTRIC CO.,LTD.

Back Button HSCDTD008A Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 15Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
FUNCTIONAL SPECIFICATIONS (Continued)
FIFO Function
- When CTRL2.FCO is set to "1", Data is stored in the following manner.
- The data is set to FIFO only if the distance of maesurement data against the all data in FIFO
is over the "ITHR(26h-27h)" distance.
- When CNTL2.FCO is set to "1" and CNTL2.AOR is set to "0",
if there is one axis over the distance, the data is set to FIFO. ("OR" condition)
- When CNTL2.FCO is set to "1" and CNTL2.AOR is set to "1",
only if all axes over the distance, the data is set to FIFO. ("AND" condition)
DF(axis) = ABS(/MEAS(axis) - /FIFO(axis))
Figure. Multiple comparison task subprocess
Geomagnetic Sensor
11 / 32
HSCDTD008A
Rev.2.5
Aug. 2016
Confidential


Similar Part No. - HSCDTD008A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Honeywell Solid State E...
HSCDAND001PDAA3 HONEYWELL-HSCDAND001PDAA3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAA5 HONEYWELL-HSCDAND001PDAA5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB3 HONEYWELL-HSCDAND001PDAB3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB5 HONEYWELL-HSCDAND001PDAB5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
More results

Similar Description - HSCDTD008A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMM150 ETC2-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Bosch Sensortec GmbH
BMM150 BOSCH-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com