Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSCDTD008A Datasheet(PDF) 16 Page - ALPS ELECTRIC CO.,LTD.

Part # HSCDTD008A
Description  Geomagnetic Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSCDTD008A Datasheet(HTML) 16 Page - ALPS ELECTRIC CO.,LTD.

Back Button HSCDTD008A Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 15Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 16Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 17Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 18Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 19Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 20Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
CONTROL INTERFACE CONNECTIONS
 
Terminal for digital supply voltage
 
Output terminal for data ready signal
  
The active level is selectable with LOW or HIGH.
 
It is used for only test on product line.
 
Connect this terminal to the GND or NC at using sensor.
 
It is used for only test on product line.
 
Do not connect it to any more at using sensor.
 
Analog and Digital Ground
 
Terminal for analog supply voltage
  
The output is selectable with enable or disable for external terminal.
  
The internal circuit is pull down after initializing.
 
Clock bus line under using I2C interface
 
Data bus line under using I2C interface
8
7
2
1
6
5
4
3
DVDD
DRDY
SDA
Pin Number
Symbol
TEST0
TEST1
VSS
Detail
Geomagnetic Sensor
16 / 32
HSCDTD008A
Rev.2.5
Aug. 2016
SCL
AVDD
Confidential


Similar Part No. - HSCDTD008A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Honeywell Solid State E...
HSCDAND001PDAA3 HONEYWELL-HSCDAND001PDAA3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAA5 HONEYWELL-HSCDAND001PDAA5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB3 HONEYWELL-HSCDAND001PDAB3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB5 HONEYWELL-HSCDAND001PDAB5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
More results

Similar Description - HSCDTD008A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMM150 ETC2-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Bosch Sensortec GmbH
BMM150 BOSCH-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com