Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSCDTD008A Datasheet(PDF) 22 Page - ALPS ELECTRIC CO.,LTD.

Part # HSCDTD008A
Description  Geomagnetic Sensor
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSCDTD008A Datasheet(HTML) 22 Page - ALPS ELECTRIC CO.,LTD.

Back Button HSCDTD008A Datasheet HTML 18Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 19Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 20Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 21Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 22Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 23Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 24Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 25Page - ALPS ELECTRIC CO.,LTD. HSCDTD008A Datasheet HTML 26Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
REGISTER DESCRIPTIONS (Continued)
Output Data Register (OUTX, OUTY, OUTZ)
- 14bit integer and 1FFFh (+8191d)
E000h (-8192d)
- 15bit integer and 3FFFh (+16383d)
C000h (-16384d)
Address : 10h, X-axis Output Data LSB (Read Only)
Bit
Name
Description
7:0
OUTX 7:0
X-axis Output Data, Signed Integer.
Address : 11h, X-axis Output Data MSB (Read Only)
Bit
Name
Description
7:0
OUTX 15:8
X-axis Output Data, Signed Integer.
Address : 12h, Y-axis Output Data LSB (Read Only)
Bit
Name
Description
7:0
OUTY 7:0
Y-axis Output Data, Signed Integer.
Address : 13h, Y-axis Output Data MSB (Read Only)
Bit
Name
Description
7:0
OUTY 15:8
Y-axis Output Data, Signed Integer.
Address : 14h, Z-axis Output Data LSB (Read Only)
Bit
Name
Description
7:0
OUTZ 7:0
Z-axis Output Data, Signed Integer.
Address : 15h, Z-axis Output Data MSB (Read Only)
Bit
Name
Description
7:0
OUTZ 15:8
Z-axis Output Data, Signed Integer.
Note:
MSB, bit7 ( and MSB, bit6 used under 14bit output ) is copied
signed value "0": Positive or "1":Nagative.
Status Register (STAT)
Address : 18h, Status (Read Only)
Bit
Name
Description
7
X
Not Used
6
DRDY
Data Ready Detection
0 = Not Detected, 1 = Detected
5
DOR
Data Overrun Detection
0 = Not Detected, 1 = Detected
Note: if Read Output Data Register.
4:3
X
Not Used
2
FFU
FIFO full alarm
0 = not Full(Default), 1 = Full
1
TRDY
Must be use Default setting.
0 = (Default)
 ※
0
ORDY
Must be use Default setting.
0 = (Default)
 ※
. The change of this bit is prohibited.
Geomagnetic Sensor
22 / 32
HSCDTD008A
Rev.2.5
Aug. 2016
Confidential


Similar Part No. - HSCDTD008A

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Honeywell Solid State E...
HSCDAND001PDAA3 HONEYWELL-HSCDAND001PDAA3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAA5 HONEYWELL-HSCDAND001PDAA5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB3 HONEYWELL-HSCDAND001PDAB3 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
HSCDAND001PDAB5 HONEYWELL-HSCDAND001PDAB5 Datasheet
1Mb / 12P
   TruStability silicon Pressure Sensors: HSC Series-High Accuracy -1% total Error band,Analog output,SMT and DIP,1 psi to 150 psi
More results

Similar Description - HSCDTD008A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BMM150 ETC2-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSCD ALPS-HSCD Datasheet
69Kb / 1P
   Geomagnetic Sensor
logo
Bosch Sensortec GmbH
BMM150 BOSCH-BMM150 Datasheet
1Mb / 56P
   Geomagnetic Sensor
logo
Epson Company
TSU EPSON-TSU Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Epson ToYoCom
TSU-20G EPSONTOYOCOM-TSU-20G Datasheet
448Kb / 2P
   SENSOR QUARTZ PRESSURE SENSOR
logo
Roithner LaserTechnik G...
QL85H6S-ABC ROITHNER-QL85H6S-ABC Datasheet
242Kb / 5P
   sensor
logo
HOPE Microelectronics C...
TH10 HOPE-TH10 Datasheet
651Kb / 15P
   SENSOR
logo
Murata Manufacturing Co...
IML-0688 MURATA-IML-0688 Datasheet
185Kb / 2P
   Sensor
PKGS-45TAV-R MURATA-PKGS-45TAV-R_17 Datasheet
205Kb / 3P
   Sensor
IML-0638 MURATA-IML-0638_17 Datasheet
185Kb / 2P
   Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com