Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSHCAA106E Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # HSHCAA106E
Description  Humidity Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSHCAA106E Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  HSHCAA106E Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSHCAA106E Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSHCAA106E Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSHCAA106E Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSHCAA106E Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSHCAA106E Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSHCAA106E Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
(Page 2/ )
4-1.
電気特性
電気特性
電気特性
電気特性
Electrical specifications
使用条件 
使用条件 
使用条件 
使用条件 
Operating conditions
電気的仕様 
電気的仕様 
電気的仕様 
電気的仕様 
Electrical specifications
1)
:本湿度センサは電源電圧に比例して出力が変化するレシオメトリック仕様です。
2)
:お客様外付け抵抗
200Ω±0%
とした時
In case of
he indispensable parts which a customer mounts is 200Ω±0%
Thermistor constantB
Output
40%RH
湿度検出出力
@40%RH
Output
60%RH
[mV]
Operating temperature
-20
サーミスタ
B
定数
サーミスタ抵抗値
Sr
[kΩ]
9.5
Thermistor resistance
[mV]
5.6
湿度検出出力
@60%RH
36
出力抵抗
Rout
[kΩ]
20
Vo40
Analog
 
output resistance
28
VDD
=5V
without thermistor
消費電流
[
A]
-
3.0
-
IDD
Current consumption
Absolute limits supply voltage
Notes
min.
Typ.
max.
Item
Symbol
Unit.
Specification
保存湿度範囲
H
str
[%RH]
0
最大定格 
最大定格 
最大定格 
最大定格 
Absolute Maximum Ratings
定格電圧
Vlim
[V]
-0.4
-
保存温度範囲
Tstr
[deg]
-25
Storage temperature
Storage Humidity
-
+70
氷結、結露なきこと
Freezing and dew
condensation
:Not allwed
95
20
-
+95
動作湿度範囲
Humidity range
Hrng
[%RH]
動作温度範囲
Topr
[
]
5
5.05
Suppl
y 
voltage
電源電圧
VDD1
[V]
4.95
1485
(+5%RH)
2145
(+5%RH)
3413.8
25/50degC
1)
10
Sb
[K]
3346.2
3380.0
1155
(-5%RH)
Vo60
10.5
2)
 
VDD1=5V
25degC
25degC
This humidity sensor is a ratio metric specification into which the output changes
in proportion to the power-supply voltage.
1815
(-5%RH)
60
2)
 
VDD1=5V
25degC
1320
-
1980
Output
mV)
33
Humidity
%RH
Humidity Characteristic(Vdd=5V)
0
500
1000
1500
2000
2500
3000
3500
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
Rerative
humidity(%RH)


Similar Part No. - HSHCAA106E

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA114A ALPS-HSHCAA114A Datasheet
1Mb / 7P
   Humidity Sensor
More results

Similar Description - HSHCAA106E

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CHS-CGC5-28 TDK-CHS-CGC5-28 Datasheet
175Kb / 11P
   Humidity Sensor
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA114A ALPS-HSHCAA114A Datasheet
1Mb / 7P
   Humidity Sensor
logo
Vishay Siliconix
238169190001 VISHAY-238169190001 Datasheet
135Kb / 2P
   Humidity Sensor
Revision: 24-Jun-09
232269190001 VISHAY-232269190001 Datasheet
122Kb / 1P
   Humidity Sensor
Revision: 10-Oct-03
logo
ALPS ELECTRIC CO.,LTD.
HSHCAA006A ALPS-HSHCAA006A Datasheet
356Kb / 10P
   Humidity Sensor
logo
RFE international
HCZ-H6 RFE-HCZ-H6 Datasheet
215Kb / 2P
   HUMIDITY SENSOR
logo
Amphenol Corporation
HS30P AMPHENOL-HS30P Datasheet
195Kb / 4P
   Humidity sensor
logo
Humirel
HS1101LF HUMIREL-HS1101LF Datasheet
242Kb / 4P
   RELATIVE HUMIDITY SENSOR
logo
HOKURIKU ELECTRIC INDUS...
E1321AA HOKURIKU-E1321AA Datasheet
75Kb / 1P
   Relative Humidity Sensor
logo
Innovative Sensor Techn...
MK33 IST-MK33 Datasheet
782Kb / 5P
   Capacitive Humidity Sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com