Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSPPAR003D Datasheet(PDF) 2 Page - ALPS ELECTRIC CO.,LTD.

Part # HSPPAR003D
Description  Pressure Sensor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

HSPPAR003D Datasheet(HTML) 2 Page - ALPS ELECTRIC CO.,LTD.

  HSPPAR003D Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. HSPPAR003D Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. HSPPAR003D Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. HSPPAR003D Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. HSPPAR003D Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. HSPPAR003D Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. HSPPAR003D Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
(Page 2/ )
4-1. Electrical specifications
of Offset Voltage
Non Linearity
TCSV_H
TCOV_50L
Item
Symbol
Classify of Pressure
使用条件 Operating conditions
300
3
最大駆動電流
Icc
Vout(110)
[mV]
73.0
Unit.
Specification
最大定格 Absolute Maximum Ratings
Notes
min.
Typ.
max.
79.0
---
101.3kPa
1.0
110kPa -20℃
50kPa 85℃
8.0
110kPa 85℃
110kPa
(72.6)
-3.0
[%FS]
TCOV_50H
8.0
6.0
TCOV_110L
[%FS]
-2.0
3.0
of Span Voltage
Temperature Characteristics
Output Voltage@101.3kPa
Vout(101.3)
[mV]
---
ESD耐圧
85.0
Range of measurement pressure
Operating temperature
ESD
Pmax
[kPa]
Max supply current
Tstg
[deg]
HBM
[V]
最大負荷圧力
保存温度範囲
1000
[mA]
-
-
+150
Max load pressure
26
-
-40
-
圧力の種類
測定圧力範囲
動作温度範囲
Storage temperature
駆動電流
Absolute
[-]
[mA]
0.55
Icc
Popr
110
Supply current
絶対圧
+85
-
-20
[deg]
50
[kPa]
Topr
Imp
[kohms]
4.0
電気的仕様 Electrical specifications
Bridge Resistance
5.5
7.0
FS
[mV]
39.0
44.0
49.0
50--110kPa
TCOV_110H
[%FS]
-2.0
3.0
TCSV_L
[%FS]
-4.0
1.0
NL
1.0
85℃
6.0
-20℃
6.5
50kPa -20℃
7.0
1.5
-1.0
0.0
[%FS]
-3.0
2.0
[%FS]
[%FS]
-2.5
オフセット電圧温度特性
感度温度特性
非線形性
ブリッジ抵抗
出力スパン
オフセット電圧@110kPa
オフセット電圧@101.3kPa
Output Voltage@110kPa
Full Span Output
Temperature Characteristics


Similar Part No. - HSPPAR003D

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
HSPPAR ALPS-HSPPAR Datasheet
370Kb / 1P
   MEMS Pressure Sensor
More results

Similar Description - HSPPAR003D

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8001208 FESTO-8001208 Datasheet
100Kb / 2P
   Pressure sensor
8001224 FESTO-8001224 Datasheet
101Kb / 2P
   Pressure sensor
8001229 FESTO-8001229 Datasheet
101Kb / 2P
   Pressure sensor
8001238 FESTO-8001238 Datasheet
107Kb / 2P
   Pressure sensor
8035535 FESTO-8035535 Datasheet
107Kb / 2P
   Pressure sensor
8035538 FESTO-8035538 Datasheet
107Kb / 2P
   Pressure sensor
8035554 FESTO-8035554 Datasheet
98Kb / 2P
   Pressure sensor
8114764 FESTO-8114764 Datasheet
85Kb / 2P
   Pressure sensor
8114776 FESTO-8114776 Datasheet
82Kb / 2P
   Pressure sensor
8114779 FESTO-8114779 Datasheet
86Kb / 2P
   Pressure sensor
SDE3-D10D-B-FQ4-2P-M8 FESTO-SDE3-D10D-B-FQ4-2P-M8 Datasheet
87Kb / 2P
   Pressure sensor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com