Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZX3CD1S1M832 Datasheet(PDF) 3 Page - Zetex Semiconductors

Part # ZX3CD1S1M832
Description  12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZX3CD1S1M832 Datasheet(HTML) 3 Page - Zetex Semiconductors

  ZX3CD1S1M832 Datasheet HTML 1Page - Zetex Semiconductors ZX3CD1S1M832 Datasheet HTML 2Page - Zetex Semiconductors ZX3CD1S1M832 Datasheet HTML 3Page - Zetex Semiconductors ZX3CD1S1M832 Datasheet HTML 4Page - Zetex Semiconductors ZX3CD1S1M832 Datasheet HTML 5Page - Zetex Semiconductors ZX3CD1S1M832 Datasheet HTML 6Page - Zetex Semiconductors ZX3CD1S1M832 Datasheet HTML 7Page - Zetex Semiconductors ZX3CD1S1M832 Datasheet HTML 8Page - Zetex Semiconductors ZX3CD1S1M832 Datasheet HTML 9Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
ZX3CD1S1M832
ISSUE 1 - JUNE 2002
3
0.1
1
10
0.01
0.1
1
10
0
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
100µ
1m
10m 100m
1
10
100
1k
0
20
40
60
80
0.1
1
10
100
0
25
50
75
100
125
150
175
200
225
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Note (a)(f)
100us
100ms
1s
V
CE(SAT)
Limited
1ms
Safe Operating Area
Single Pulse, T
amb
=25°C
DC
10ms
V
CE Collector-Emitter Voltage (V)
1oz Cu
Note (d)(f)
1oz Cu
Note (d)(g)
2oz Cu
Note (a)(f)
2oz Cu
Note (e)(g)
Derating Curve
T
amb
=25°C
Temperature (°C)
Note (a)(f)
D=0.2
D=0.5
D=0.1
Transient Thermal Impedance
Single Pulse
D=0.05
Pulse Width (s)
1oz copper
Note (g)
1oz copper
Note (f)
2oz copper
Note (f)
2oz copper
Note (g)
Thermal Resistance v Board Area
BoardCuArea (sqcm)
1oz copper
Note (g)
2oz copper
Note (g)
1oz copper
Note (f)
2oz copper
Note (f)
Power Dissipation v Board Area
T
amb
=25°C
T
jmax
=150°C
Continuous
BoardCuArea (sqcm)
TRANSISTOR TYPICAL CHARACTERISTICS


Similar Part No. - ZX3CD1S1M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX3CD1S1M832 DIODES-ZX3CD1S1M832 Datasheet
484Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD1S1M832TA DIODES-ZX3CD1S1M832TA Datasheet
484Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD1S1M832TC DIODES-ZX3CD1S1M832TC Datasheet
484Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
More results

Similar Description - ZX3CD1S1M832

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZX3CD1S1M832 DIODES-ZX3CD1S1M832 Datasheet
484Kb / 9P
   12V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD3S1M832 DIODES-ZX3CD3S1M832 Datasheet
478Kb / 9P
   40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD2S1M832 DIODES-ZX3CD2S1M832 Datasheet
482Kb / 9P
   20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZXTNS618MC DIODES-ZXTNS618MC Datasheet
270Kb / 10P
   20V NPN LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Zetex Semiconductors
ZX3CD3S1M832 ZETEX-ZX3CD3S1M832 Datasheet
346Kb / 9P
   MPPS??Miniature Package Power Solutions 40V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
ZX3CD2S1M832 ZETEX-ZX3CD2S1M832 Datasheet
344Kb / 9P
   MPPS Miniature Package Power Solutions 20V PNP LOW SATURATION TRANSISTOR AND 40V, 1A SCHOTTKY DIODE COMBINATION DUAL
logo
Diodes Incorporated
ZXTDA1M832 DIODES-ZXTDA1M832 Datasheet
484Kb / 8P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Zetex Semiconductors
ZXTDA1M832 ZETEX-ZXTDA1M832 Datasheet
266Kb / 8P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
logo
Diodes Incorporated
ZXTC6717MC DIODES-ZXTC6717MC Datasheet
231Kb / 9P
   DUAL 15V NPN & 12V PNP LOW SATURATION TRANSISTOR COMBINATION
ZXTDC3M832 DIODES-ZXTDC3M832 Datasheet
474Kb / 8P
   DUAL 50V NPN & 40V PNP LOW SATURATION TRANSISTOR COMBINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com