Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK971 Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # 2SK971
Description  Silicon N-Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SK971 Datasheet(HTML) 3 Page - Hitachi Semiconductor

  2SK971 Datasheet HTML 1Page - Hitachi Semiconductor 2SK971 Datasheet HTML 2Page - Hitachi Semiconductor 2SK971 Datasheet HTML 3Page - Hitachi Semiconductor 2SK971 Datasheet HTML 4Page - Hitachi Semiconductor 2SK971 Datasheet HTML 5Page - Hitachi Semiconductor 2SK971 Datasheet HTML 6Page - Hitachi Semiconductor 2SK971 Datasheet HTML 7Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
50
100
0
Case Temperature TC (°C)
150
20
40
60
Power vs. Temperature Derating
Maximum Safe Operation Area
0.3
1.0
3
10
30
100
10
300
500
Drain to Source Voltage VDS (V)
0.1
100
3
30
0.5
1.0
100
µ
s
DC
Operation
(T
C =
25°C)
Ta = 25°C
Typical Output Characteristics
6
Drain to Source Voltage VDS (V)
8
4
2
10
0
4
8
12
16
0
20
VGS = 2.5 V
Pulse Test
10 V
4 V
5 V
3.5 V
3.0 V
Typical Transfer Characteristics
3
Gate to Source Voltage VGS (V)
4
2
1
05
4
8
12
16
20
0
TC= 25°C
75°C
VDS = 10 V
Pulse Test
–25°C
2SK971


Similar Part No. - 2SK971

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SK971 ISC-2SK971 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - 2SK971

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com