Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC92604 Datasheet(PDF) 2 Page - NXP Semiconductors

Part No. MC92604
Description  Dual Gigabit Ethernet SerDes Transceiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC92604 Datasheet(HTML) 2 Page - NXP Semiconductors

  MC92604 Datasheet HTML 1Page - NXP Semiconductors MC92604 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Common features
> Independent SerDes channels with
full-duplex differential data links
> Configurable as a single channel
device to provide redundant transmit
and receive serial links
> Selectable speed range: 1.25 Gbaud
or 0.625 Gbaud
> Internal 8B/10B encoder/decoders
> Source synchronous parallel data
input interfaces
> Selectable source-synchronous
or source-centered timing on receiver
interface
> Links drive 50-ohm or 75-ohm media
(100- or 150-ohm differential),
backplane or cable
> Link inputs have on-chip receiver
link termination and are “hot-swap”
compatible
> Low power: <0.6 W, under typical
conditions, while operating in backplane
mode with all transceivers at full speed
> Unused transceiver channels may be
individually disabled to reduce power
consumption
> IEEE Std 1149.1 JTAG support and
full-speed built-in self test functions
Backplane application features
> Link-to-link synchronization supports
aligned, multi-channel, word transfers.
Synchronization mechanism tolerates
up to 40 bit-times of link-to-link media
delay skew
> Supports Disparity Based Word Sync
Events for compatibility with legacy
transceivers
> Selectable COMMA code group
alignment mode enables aligned or
unaligned transfers
Ethernet friendly features
> GMII, TBI, RGMII or RTBI data interface
options
> COMMA code group alignment
in receivers
> Provides the PCS and PMA layers
for Ethernet PHYs as specified in
IEEE Std. 802.3-2002
> MDIO slave interface and registers
as defined in IEEE Std. 802.3-2002
is fully supported
> MDIO interface is available in
all operating modes
Technical specifications
> All channels have:
• 8B/10B encoder/decoder that can
be enabled or bypassed in Ten-Bit
Interface (TBI) mode
• Clock generation/recovery
• Independent 8/10-bit or 4/5-bit system
I/F with parallel-to-serial, serial-to-parallel
conversion
> Transmit data clock is selectable between
per-channel transmit clock or channel ‘A’
transmit clock
> Received data may be clocked at
the recovered clock or the reference
clock frequencies
> Half frequency, split-phase recovered clock
in TBI (10-bit) mode
> Transceiver Links operate over 50-ohm or
75-ohm media (100- or 150-ohm differential)
for lengths of up to 1.5 meters of FR-4
board/back-plane, or 10 meters of coax
> No external loop filter components required
> System BIST test modes with error counter
> Loopback BIST isolated from link inputs
and outputs
> IEEE Std 1149.1 JTAG boundary
scan support
> LVPECL differential reference clock input
with single-ended LVTTL reference clock
input option
> Two single ended buffered Ref Clock outputs
provided for associated logic interfaces
> Frequency offset tolerance between transmitter
and receiver in excess of ± 250 ppm
Freescale™ and the Freescale logo are trademarks of Freescale Semiconductor, Inc.
All other product or service names are the property of their respective owners.
© Freescale Semiconductor, Inc. 2004
MC92604FS/D
REV 1
Parametrics
> Power Supply
• Core Power Supply: 1.8 V ± 0.15 Vdc
• Data I/O Power Supply:
(LVTTL) 3.3 V ± 0.10 Vdc
or (SSTL-2) 2.5 V ± 0.20 Vdc
• Link I/O Power Supply:
1.8 V ± 0.15 Vdc
> Power Dissipation
• Typical operation at maximum speed:
<250 mW per channel in backplane
mode <350 mW per channel in
Ethernet mode
Package
> 196 pin MAPBGA
(15x15 mm body size,
1.0 mm ball pitch)
Learn More: For more information about Freescale products, visit www.motorola.com/semiconductors


Similar Part No. - MC92604

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC92610 MOTOROLA-MC92610 Datasheet
557Kb / 8P
   Quad 3.125 Gbaud SERDES
MC92610VF MOTOROLA-MC92610VF Datasheet
557Kb / 8P
   Quad 3.125 Gbaud SERDES
More results

Similar Description - MC92604

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636A PERICOM-PI90SD1636A Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
Vaishali Semiconductor
Vaishali Semiconductor
VN16218 VAISH-VN16218 Datasheet
135Kb / 11P
   2.5 Gigabit SERDES Transceiver
Applied Micro Circuits Corporation
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
Vaishali Semiconductor
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
Agere Systems
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
List of Unclassifed Manufacturers
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
Texas Instruments
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz