Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

MC92604 Datasheet(PDF) 1 Page - NXP Semiconductors

Part No. MC92604
Description  Dual Gigabit Ethernet SerDes Transceiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MC92604 Datasheet(HTML) 1 Page - NXP Semiconductors

  MC92604 Datasheet HTML 1Page - NXP Semiconductors MC92604 Datasheet HTML 2Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The MC92604 Dual Gigabit Ethernet transceiver
is a 1.25 giga-baud, full-duplex, interface device
that can be used to transmit data between chips
across a board, through a backplane, or through
cabling, as well as to interface to GBIC/SFP
modules. It was designed with the intent to meet
the requirements of IEEE Std. 802.3-2002®.
The MC92604 is two parts in one. It may be
configured as either a dual channel 1 gigabit
backplane serializer/deserializer, SerDes, or it is
a dual 1 gigabit GMII or TBI PHY for Ethernet
1000Base-X applications. The dual MC92604
may optionally be configured as a single channel
transceiver with serial link redundancy. The device
fully supports the MDIO interface defined in the
above referenced standard.
The MC92604 features transmit FIFOs and
source-synchronous transmit clocks per channel
to further simplify interfacing that will support
many other non-Ethernet applications. And finally,
IEEE Std 1149.1 JTAG boundary scan is added
for board test support.
The Gigabit Ethernet transceiver is carefully
designed for low power consumption and is built
upon the proven transceiver technology in the
MC92600 and MC92602 Quad SerDes devices.
The MC92604 transceiver is offered in a JEDEC
standard 196 pin 15 mm body size package
to provide excellent board density in applications
with a large number of channels.
Dual Gigabit Ethernet SerDes Transceiver
MC92604
XLINK_x_P
XLINK_x_N
MEDIA
XCVR_x_DISABLE
XCVR_x_LBE
RLINK_x_N
RLINK_x_P
CLK_OUT__[1:0]
Transmitter
Receiver
FIFO
FIFO
Receive
Interface
Unit
REF_CLK_B
REF_CLK
System
PLL
TDO
TDI, TRST_B, TCK
JTAG
CONTROLLER
MDIO
CONTOLLER
2
3
6
8B10B
Decoder
8B10B
Decoder
XMIT_x_ENABLE
XMIT_x_DATA [7:0]
XMIT_x_K/ERR
XMIT_x_CLK
RESET
CONFIG_INPUTS
MD_DATA
MD_CLK
BIST
Two Transceivers x = A & B
MD_ADR [4:2]
MD_ENABLE
RECV_x_DATA [7:0]
RECV_x_K
RECV_x_ERR
RECV_x_DV
RECV_x_CLK
RECV_x_CLK_B
CLK
GEN
LINK CONTROLLER
MC92604 DUAL GIGABIT ETHERNET TRANSCEIVER BLOCK DIAGRAM
(As a single with redundancy, only channel A is used.)
Typical applications
> High-density board applications for
communications designs utilizing
IEEE 802.3 protocol
> High-speed data transfer applications in
high-bandwidth backplane and chassis-to-
chassis networking
> PHY interface to Motorola C-port
(C-3e or C-5e) network processors and
Power QUICC III (MPC8560 or MPC8540)
communications processors


Similar Part No. - MC92604

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC92610 MOTOROLA-MC92610 Datasheet
557Kb / 8P
   Quad 3.125 Gbaud SERDES
MC92610VF MOTOROLA-MC92610VF Datasheet
557Kb / 8P
   Quad 3.125 Gbaud SERDES
More results

Similar Description - MC92604

ManufacturerPart No.DatasheetDescription
Pericom Semiconductor Corporation
Pericom Semiconductor C...
PI90SD1636C PERICOM-PI90SD1636C Datasheet
394Kb / 15P
   SERDES Gigabit Ethernet Transceiver
PI90SD1636A PERICOM-PI90SD1636A Datasheet
559Kb / 15P
   SERDES Gigabit Ethernet Transceiver
Vaishali Semiconductor
Vaishali Semiconductor
VN16218 VAISH-VN16218 Datasheet
135Kb / 11P
   2.5 Gigabit SERDES Transceiver
Applied Micro Circuits Corporation
Applied Micro Circuits ...
S2060 AMCC-S2060 Datasheet
693Kb / 22P
   GIGABIT ETHERNET TRANSCEIVER
Vaishali Semiconductor
Vaishali Semiconductor
VN16118 VAISH-VN16118 Datasheet
134Kb / 10P
   Gigabit Ethernet Transceiver
Agilent(Hewlett-Packard)
Agilent(Hewlett-Packard...
HDMP-1636A HP-HDMP-1636A Datasheet
281Kb / 18P
   Gigabit Ethernet and Fibre Channel SerDes ICs
Agere Systems
Agere Systems
LU5X34F AGERE-LU5X34F Datasheet
445Kb / 26P
   Quad Gigabit Ethernet Transceiver
List of Unclassifed Manufacturers
List of Unclassifed Man...
DM9701F ETC1-DM9701F Datasheet
130Kb / 3P
   Gigabit Ethernet PHY Transceiver
Texas Instruments
Texas Instruments
TNETE2201A TI-TNETE2201A Datasheet
254Kb / 19P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
TNETE2201 TI-TNETE2201 Datasheet
295Kb / 10P
[Old version datasheet]   1.25-GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz