Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDA956XN1 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # TDA956XN1
Description  TV signal processor-Teletext decoder with embedded m-Controller
Download  125 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA956XN1 Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA956XN1 Datasheet HTML 1Page - NXP Semiconductors TDA956XN1 Datasheet HTML 2Page - NXP Semiconductors TDA956XN1 Datasheet HTML 3Page - NXP Semiconductors TDA956XN1 Datasheet HTML 4Page - NXP Semiconductors TDA956XN1 Datasheet HTML 5Page - NXP Semiconductors TDA956XN1 Datasheet HTML 6Page - NXP Semiconductors TDA956XN1 Datasheet HTML 7Page - NXP Semiconductors TDA956XN1 Datasheet HTML 8Page - NXP Semiconductors TDA956XN1 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 125 page
background image
FUNCTIONAL DIFFERENCE BETWEEN THE VARIOUS IC VERSIONS
IC VERSION (TDA95XX PS)
50
51
52
53
54
60
61
62
63
64
65
66
67
80
81
82
83
84
85
86
87
88
TV range
90
° 90° 90° 110° 90° 90° 90° 110° 110° 110° 110° 90° 90° 90° 90° 90° 110° 110° 110° 110° 90° 110°
Mono intercarrier multi-standard
sound demodulator (4.5 - 6.5 MHz)
with switchable centre frequency
√√
√√√√
√√
√√
√√
Audio switch
√√
√√√√
√√
√√
√√
Automatic Volume Levelling
√√√√√√√
√√√√√
√√
Automatic Volume Levelling or
subcarrier output (for comb filter
applications)
√√√√√
√√√√
QSS sound IF amplifier with
separate input and AGC circuit
√√√√
AM sound demodulator without
extra reference circuit
√√√√
AM/FM option
√√
FM radio option (via QSS amplifier)
√√
FM radio option (with FM tuner)
√√
√√
√√
Dynamic Skin tone control
√√√√
√√√√√√√√√√√√√√√√√
PAL decoder
√√√√√√√√√√√√√√√√√√√√
SECAM decoder
√√√√√√
√√√
NTSC decoder
√√√√√√√√√√√√√√√√√√√√√√
Horizontal geometry (E-W)
√√√√
√√√√
Horizontal and Vertical Zoom
√√√√
√√√√
ROM size
32 -
64 k
32 -
64 k
32 -
64 k
32 -
64 k
32 -
64 k
64-
128k
64-
128k
64 -
128k
64 -
128k
64 -
128k
64 -
128k
64 -
128k
64 -
128k
64 k 64 k 64 k 64 k 64 k 64 k 64 k 64 k 64 k
User RAM size
1 k
1 k
1 k
1 k
1 k
2 k
2 k
2 k
2 k
2 k
2 k
2 k
2 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
1 k
Teletext
1
page
1
page
1
page
1
page
1
page
10
page
10
page
10
page
10
page
10
page
10
page
10
page
10
page
Closed captioning
√√√√√√√√√√√√√√√√√√√√√√


Similar Part No. - TDA956XN1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA9500 ETC-TDA9500 Datasheet
204Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
logo
STMicroelectronics
TDA9501 STMICROELECTRONICS-TDA9501 Datasheet
240Kb / 5P
   AC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
logo
List of Unclassifed Man...
TDA9503 ETC-TDA9503 Datasheet
204Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
logo
STMicroelectronics
TDA9511 STMICROELECTRONICS-TDA9511 Datasheet
52Kb / 5P
   DC COUPLING HIGH VOLTAGE VIDEO AMPLIFIER
logo
List of Unclassifed Man...
TDA9513 ETC-TDA9513 Datasheet
204Kb / 1P
   INTEGRATED CIRCUITS FOR TV AND RADIO RECEVERS
More results

Similar Description - TDA956XN1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA935XPS PHILIPS-TDA935XPS Datasheet
490Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
TDA935X PHILIPS-TDA935X Datasheet
667Kb / 118P
   TV signal processor-Teletext decoder with embedded m-Controller
2001 Jan 18
OM8373 PHILIPS-OM8373 Datasheet
409Kb / 108P
   TV signal processor- Closed Caption decoder with embedded m-Controller
Version: 1.0 2004 Jan 15
logo
Infineon Technologies A...
SDA6000 INFINEON-SDA6000 Datasheet
2Mb / 380P
   Teletext Decoder with Embedded 16-bit Controller
Version 2.1, June 2000
logo
List of Unclassifed Man...
TPU2735 ETC-TPU2735 Datasheet
1,019Kb / 37P
   Teletext Processor
logo
NXP Semiconductors
SAA5281 PHILIPS-SAA5281 Datasheet
1Mb / 48P
   Integrated Video input processor and Teletext decoder IVT1.8
1996 Nov 04
logo
Renesas Technology Corp
M65582AMF-XXXFP RENESAS-M65582AMF-XXXFP Datasheet
514Kb / 46P
   NTSC TV Signal Processor with MCU
M61280M8-XXXFP RENESAS-M61280M8-XXXFP Datasheet
1Mb / 54P
   NTSC TV Signal Processor with MCU
logo
STMicroelectronics
STV5342 STMICROELECTRONICS-STV5342 Datasheet
448Kb / 20P
   TELETEXT DECODER WITH 4 INTERGATED PAGES
logo
AAEON Technology
AEC-6520 AAEON-AEC-6520 Datasheet
292Kb / 2P
   IP-65 Washable Embedded Controller With Intel짰 Celeron짰 M Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com