Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM6800A Datasheet(PDF) 6 Page - Nippon Precision Circuits Inc

Part # SM6800A
Description  Class-D Mono Amplifier for Mobile Telephones
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM6800A Datasheet(HTML) 6 Page - Nippon Precision Circuits Inc

Back Button SM6800A Datasheet HTML 2Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 3Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 4Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 5Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 6Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 7Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 8Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 9Page - Nippon Precision Circuits Inc SM6800A Datasheet HTML 10Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
SM6800A
NIPPON PRECISION CIRCUITS INC.—6
Measurement circuit
Note. *C2, C6, C7: not inserted
*R1, R2, R3: not inserted
*R7, R8: series resistors for dielectric speaker
*SW1: HIGH
= Power on, LOW = Power off
*SW2: LOW
= Mute on, HIGH = Mute off
D-Range CP MODE
TM1
TM2
OFF
L
L
1HL
2L
H
3H
H
VDD1
IN
EQP
EQN
VSS1
VDD3
OUTP
VSS2
OUTN
VDD2
H
H
L
L
SW1*
SW2*
C5
1
µ
L
SW5
H
POWER VDD
SPOUT POS
POWER VSS (0V)
SPOUT NEG
R7* C8
1
µ
C9
1
µ
R8*
0 (JUMPER)
0 (JUMPER)
L
L
SW4
H
H
SW3
TM1
TM2
TEST
(H NORMAL)
PROT
C4
1
µ
C3
150p
C1
1
µ
VDD1
IN
EQP
EQN
SIGNAL INPUT
VSS1
SIGNAL VSS (0V)
ANALOG VSS (0V)
POWER VDD (2.7 to 4.3V)
SIGNAL VDD (2.7 to 4.3V)
POWER VDD (2.7 to 4.3V)


Similar Part No. - SM6800A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
M.S. Kennedy Corporatio...
SM6801A MSK-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
SamHop Microelectronics...
SM6801A SAMHOP-SM6801A Datasheet
92Kb / 1P
   Linear Constant Current LED Driver, Fixed 100mA
logo
Nippon Precision Circui...
SM6801AB NPC-SM6801AB Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
SamHop Microelectronics...
SM6802 SAMHOP-SM6802 Datasheet
231Kb / 13P
   WHITE / BLUE LED DRIVER FOR LI- ION BATTERY APPLICATION
More results

Similar Description - SM6800A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM6801A NPC-SM6801A Datasheet
213Kb / 16P
   Class-D Mono Amplifier for Portable Device
logo
Maxim Integrated Produc...
MAX98300 MAXIM-MAX98300 Datasheet
1Mb / 14P
   Mono 2.6W Class D Amplifier
Rev 0; 7/10
logo
STMicroelectronics
TDA7481 STMICROELECTRONICS-TDA7481 Datasheet
143Kb / 6P
   10W MONO CLASS-D AMPLIFIER
TDA7482 STMICROELECTRONICS-TDA7482 Datasheet
112Kb / 6P
   25W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830 Datasheet
1Mb / 11P
   Mono 2W Class D Amplifier
Rev 0; 8/09
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
STMicroelectronics
TDA7480 STMICROELECTRONICS-TDA7480 Datasheet
177Kb / 10P
   10W MONO CLASS-D AMPLIFIER
logo
Maxim Integrated Produc...
MAX9830 MAXIM-MAX9830_10 Datasheet
1Mb / 12P
   Mono 2W Class D Amplifier
19-4806; Rev 1; 4/10
logo
Texas Instruments
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
STMicroelectronics
TDA7482 STMICROELECTRONICS-TDA7482_04 Datasheet
114Kb / 7P
   25W MONO CLASS-D AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com