Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2907431 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2907431
Description  Low design width with a high number of positions
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2907431 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2907431 Datasheet HTML 1Page - PHOENIX CONTACT 2907431 Datasheet HTML 2Page - PHOENIX CONTACT 2907431 Datasheet HTML 3Page - PHOENIX CONTACT 2907431 Datasheet HTML 4Page - PHOENIX CONTACT 2907431 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
https://www.phoenixcontact.com/us/produkte/2907431
22.04.2013   Page 1 / 5
Electronic housing - ME 17,5 OT-MSTBO SET - 2907431
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://download.phoenixcontact.com)
Housing upper part, complete with COMBICON headers and screw connectors for full mounting of components.
12-pos., housing width: 17.5 mm
Product Features
 Tool-free mounting
 Low design width with a high number of positions
 Large assembly area
 Same PCB geometry for all design widths
 Recessed labeling areas
 Inflammability class V0 according to UL 94
 Fast mounting on DIN rails according to EN 60715
 Material and part identification embossed on the housing (recyclability)
 Cost savings thanks to easy device production
 Optional BUS connection integrated in the housing, for either parallel or serial contacting
 Functional earth ground contact (EMC) integrated in the housing base
 Metal foot catch
 Electronic components can be partially removed
 
Key commercial data
Packing unit
1 PCE
GTIN
Custom tariff number
85369010
Country of origin
GERMANY
Technical data
General


Similar Part No. - 2907431

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
29074 MALLORY-29074 Datasheet
126Kb / 2P
   ACTIVE FUEL INJECTION/TACH ADAPTER
logo
Festo Corporation.
2907418 FESTO-2907418 Datasheet
67Kb / 1P
   Axial kit
1/10/23
logo
PHOENIX CONTACT
2907426 PHOENIX-2907426 Datasheet
54Kb / 2P
   Fuse set - FUSE/NANO/10A/F-10PCS
09/12/2020
2907428 PHOENIX-2907428 Datasheet
69Kb / 5P
   Housing set upper part, complete with COMBICON headers and screw plugs for full equipping.
2907444 PHOENIX-2907444 Datasheet
72Kb / 4P
   Housing upper part, complete with 4 pairs of COMBICON headers and plugs
More results

Similar Description - 2907431

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2709655 PHOENIX-2709655 Datasheet
149Kb / 10P
   Low design width with a high number of positions
2914563 PHOENIX-2914563 Datasheet
73Kb / 2P
   Profile panel mounting base, with a design width of 100 mm and a fixed length of 100 cm
2914576 PHOENIX-2914576 Datasheet
68Kb / 2P
   Profile panel mounting base, with a design width of 122 mm and a fixed length of 100 cm
3190124 PHOENIX-3190124 Datasheet
48Kb / 2P
   Connector housing, Number of positions: 1, Color: gray
0201469 PHOENIX-0201469 Datasheet
42Kb / 2P
   Fixed bridge, Number of positions: 3, Color: silver
0201650 PHOENIX-0201650 Datasheet
42Kb / 2P
   Fixed bridge, Number of positions: 100, Color: silver
0201472 PHOENIX-0201472 Datasheet
43Kb / 2P
   Fixed bridge, Number of positions: 100, Color: silver
0201524 PHOENIX-0201524 Datasheet
58Kb / 2P
   Fixed bridge, Number of positions: 100, Color: aluminum
logo
C&K Components
KXT3 CK-COMPONENTS-KXT3 Datasheet
216Kb / 2P
   High number of cycle
PTS540 CK-COMPONENTS-PTS540 Datasheet
143Kb / 2P
   High number of cycles
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com