Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE928M Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE928M
Description  Integrated Circuit Low Power Dual Operational Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE928M Datasheet(HTML) 2 Page - NTE Electronics

  NTE928M Datasheet HTML 1Page - NTE Electronics NTE928M Datasheet HTML 2Page - NTE Electronics NTE928M Datasheet HTML 3Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Electrical Characteristics: (VCC = 5V, VEE = Gnd, TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Input Offset Voltage
VIO
VCC = 5V to 30V,
2.0
7.0
mV
VIC =0 to VCC–1.7V,
VO ] 1.4V, RS = 0Ω
0
° ≤ TA ≤ +70°C
9.0
mV
Average Temperature Coefficient
of Input Offset Voltage
∆VIO/∆T 0° ≤ TA ≤ +70°C
7.0
µV/°C
Input Offset Current
IIO
5.0
50
nA
0
° ≤ TA ≤ +70°C
150
nA
Average Temperature Coefficient
of Input Offset Current
∆IIO/∆T 0° ≤ TA ≤ +70°C
10
pA/
°C
Input Bias Current
IIB
–45
–250
nA
0
° ≤ TA ≤ +70°C
–50
–500
nA
Input Common–Mode Voltage
VICR
VCC = 30V, Note 4
0
28.3
V
Range
0
° ≤ TA ≤ +70°C
0
28
V
Differential Input Voltage Range
VIDR
VCC
V
Large Signal Open–Loop
AVOL
RL = 2kΩ, VCC = 15V,
25
100
V/mV
Voltage Gain
For Large VO Swing
0
° ≤ TA ≤ +70°C
15
V/mV
Channel Separation
1kHz
≤ f ≤ 20kHz, Input Referenced
–120
dB
Common–Mode Rejection Ratio
CMRR
RS ≤ 10kΩ
65
70
dB
Power Supply Rejection Ratio
PSRR
65
100
dB
Output Voltage Range
VOR
RL = 2kΩ
0
3.3
V
Output Voltage – High Limit
VOH
VCC = 30V,
° ≤
°
RL = 2kΩ
26
V
0
° ≤ TA ≤ +70°C
RL = 10kΩ
27
28
V
Output Voltage – Low Limit
VOL
VCC = 5V, RL = 10kΩ, 0° ≤ TA ≤ +70°C
5
20
mV
Output Source Current
IO+
VID = +1V, VCC = 15V
20
40
mA
Output Sink Current
IO–
VID = –1V, VCC = 15V
10
20
mA
VID = –1V, VO = 200mV
12
50
µA
Output Short–Circuit to GND
Ios
Note 5
40
60
mA
Power Supply Current
ICC
VO = 0, RL = ∞,
° ≤
°
VCC = 30V
1.5
3.0
mA
0
° ≤ TA ≤ +70°C
VCC = 5V
0.7
1.2
mA
Note 4. The input common–mode voltage or either input signal voltage should not be allowed to go
negative by more than 0.3V.
The upper end of the common–mode voltage range is
VCC–1.7V, but either or both inputs can goto +32V without damage.
Note 5. Short circuit from the output to VCC can cause excessive heating and eventual destruction.
Destructive dissipation can result from simultaneous shorts on all amplifiers.


Similar Part No. - NTE928M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE928 NTE-NTE928 Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928S NTE-NTE928S Datasheet
27Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
More results

Similar Description - NTE928M

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE928 NTE-NTE928 Datasheet
29Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE928S NTE-NTE928S Datasheet
27Kb / 3P
   Integrated Circuit Low Power Dual Operational Amplifier
NTE778A NTE-NTE778A Datasheet
27Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE947 NTE-NTE947 Datasheet
29Kb / 3P
   Integrated Circuit Dual Operational Amplifier
NTE888M NTE-NTE888M Datasheet
25Kb / 3P
   Integrated Circuit Low Power Programmable Operational Amplifier
NTE891M NTE-NTE891M Datasheet
26Kb / 3P
   Integrated Circuit Dual Audio Operational Amplifier
NTE894M NTE-NTE894M Datasheet
28Kb / 3P
   Integrated Circuit Low Noise Operational Amplifier
logo
KEC(Korea Electronics)
KIA4559P KEC-KIA4559P Datasheet
92Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
logo
NTE Electronics
NTE858M NTE-NTE858M Datasheet
28Kb / 3P
   Integrated Circuit Dual, Low-Noise JFET-Input Operational Amplifier
logo
KEC(Korea Electronics)
KIA4558P KEC-KIA4558P Datasheet
93Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (DUAL LOW NOISE OPERATIONAL AMPLIFIER)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com