Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IN2515 Datasheet(PDF) 3 Page - IK Semicon Co., Ltd

Part # IN2515
Description  STAND-ALONE CAN CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN2515 Datasheet(HTML) 3 Page - IK Semicon Co., Ltd

  IN2515 Datasheet HTML 1Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 2Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 3Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 4Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 5Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 6Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 7Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 8Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 9Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
IN2515
3
2017, Nov, Rev. 01
Table 1. 18-Lead PDIP / SOIC Package Pin Description
Pin Number
Symbol
Function
01
TXCAN
Transmit output pin to CAN bus
02
RXCAN
Receive input pin from CAN bus
03
CLKOUT / SOF
Clock output pin with programmable prescaler
04
TX0RTS
Transmit buffer TXB0 request-to-
send. 100 kΩ internal pull-up to VDD
05
TX1RTS
Transmit buffer TXB1 request-to-
send. 100 kΩ internal pull-up to VDD
06
TX2RTS
Transmit buffer TXB2 request-to-
send. 100 kΩ internal pull-up to VDD
07
OSC2
Oscillator output (Quartz resonator connection)
08
OSC1
Oscillator input (Quartz resonator or external clock connection)
09
GND
Common pin (Ground)
10
RX1BF
Receive buffer RXB1 interrupt pin or general purpose digital output
11
RX0BF
Receive buffer RXB0 interrupt pin or general purpose digital output
12
INT
Interrupt output pin
13
SCK
SPI Clock input pin for SPI interface
14
SI
Data input pin for SPI interface
15
SO
Data output pin for SPI interface
16
CS
Chip select input pin for SPI interface
17
RESET
Active low device reset input
18
VCC
Positive supply for logic and I/O pins
Notes
1 CAN
– Controller Area Network
2 SPI
– Serial Peripheral Interface


Similar Part No. - IN2515

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
IN2 TGS-IN2 Datasheet
671Kb / 7P
   SEVEN DARLINGTON ARRAYS
logo
Laird Tech Smart Techno...
IN24-10 LSTD-IN24-10 Datasheet
337Kb / 1P
   Attractive housing
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
   Improved detent for better position stability
IN24-65-7 LSTD-IN24-65-7 Datasheet
598Kb / 2P
   Wall mount
IN24-65-8 LSTD-IN24-65-8 Datasheet
598Kb / 2P
   Wall mount
More results

Similar Description - IN2515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
logo
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510I-ST MICROCHIP-MCP2510I-ST Datasheet
1Mb / 80P
   Stand-Alone CAN Controller with SPI??Interface
12/08/06
MCP2515 MICROCHIP-MCP2515 Datasheet
1Mb / 84P
   Stand-Alone CAN Controller With SPI??Interface
2005
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com