Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IN2515 Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IN2515
Description  STAND-ALONE CAN CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN2515 Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IN2515 Datasheet HTML 3Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 4Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 5Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 6Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 7Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 8Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 9Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 10Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 11Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
IN2515
7
2017, Nov, Rev. 01
ABSOLUTE MAXIMUM RATING
Table 2
Symbol
Parameter
Value
Unit
Min
Max
VCC
Supply voltage
-
for IN2515AN, IN2515ADW
-
for IN2515BN, IN2515BDW
-
-
7
7
V
VI
Input voltage (all pins)
-0.6
Vcc+1.0
V
VI
Input voltage for RXCAN, CS , TXnRTS,
SCK, SI pins at functional check mode
-0.6
Vcc+1.0
V
Тa
Ambient (storage) temperature
-60
125
oC
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those indicated under
“recommended operating conditions” is not implied.
Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
RECOMMENDED OPERATION MODE
Table 3
Symbol
Parameter
Value
Unit
Min
Max
Vcc
Supply voltage
-
for IN2515AN, IN2515ADW
-
for IN2515BN, IN2515BDW
2.7
4.5
5.5
5.5
V
VI
Input voltage (all pins)
0
Vcc
V
VI
Input voltage for RXCAN, CS , TXnRTS,
SCK, SI pins at functional check mode
-0.3
Vcc+1.0
V
Тa
Ambient (operating) temperature
-
for IN2515AN, IN2515ADW
-
for IN2515BN, IN2515BDW
-40
-40
85
125
oC


Similar Part No. - IN2515

ManufacturerPart #DatasheetDescription
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
IN2 TGS-IN2 Datasheet
671Kb / 7P
   SEVEN DARLINGTON ARRAYS
Laird Tech Smart Technology
Laird Tech Smart Techno...
IN24-10 LSTD-IN24-10 Datasheet
337Kb / 1P
   Attractive housing
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
   Improved detent for better position stability
IN24-65-7 LSTD-IN24-65-7 Datasheet
598Kb / 2P
   Wall mount
IN24-65-8 LSTD-IN24-65-8 Datasheet
598Kb / 2P
   Wall mount
More results

Similar Description - IN2515

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
Microchip Technology
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
   Stand-Alone CAN Controller with SPI Interface
2000 - 2001
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com