Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IN2515 Datasheet(PDF) 8 Page - IK Semicon Co., Ltd

Part # IN2515
Description  STAND-ALONE CAN CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN2515 Datasheet(HTML) 8 Page - IK Semicon Co., Ltd

Back Button IN2515 Datasheet HTML 4Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 5Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 6Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 7Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 8Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 9Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 10Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 11Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 12Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
IN2515
8
2017, Nov, Rev. 01
DC ELECTRICAL CHARACTERISTICS
Table 4.
Parameter
Symbol
Value
Test Conditions
Unit
Min
Max
Low level output voltage
IOL = 0.6 mA, VCC = 4.5 V
V
ТXCAN pin
VOL1
-
.
RXnBF
pin
VOL2
-
0.6
IOL = 8.5 mA, VCC = 4.5 V
SO, CLKOUT pins
VOL3
-
0.6
IOL = 2.1 mA, VCC = 4.5 V
INT
pin
VOL4
-
0.6
IOL = 1.6 mA, VCC = 4.5 V
High level output voltage
IOH = -3.0 mA, VCC = 4.5 V
V
ТXCAN pin
VOH1
3,8
-
RXnBF
pin
VOH2
3.8
-
IOH = -3.0 mA, VCC = 4.5V
SO, CLKOUT pins
VOH3
4.0
-
IOH = -400 A,
VCC = 4.5 V
INT
pin
VOH4
3.8
-
IOH = -1.0 mA, VCC = 4.5V
Low level input leakage current
VIN = 0 V
VCC = 5.5 V
A
RXCAN, SCK, SI, CS , RESET ,
CLKOUT, RXnBF, SO pins
IILL1
-
|-1|
OSC1 pin
IILL2
-
|-5|
High level input leakage current
VCC = 5.5 V
VIN = 5.5 V
A
RXCAN, SCK, SI, CS , RESET ,
CLKOUT, RXnBF, SO pins
IILH1
-
1
OSC1 pin
IILH2
-
5
Operating consumption current
IOCC
-
10
VCC = 5.5 V
FOSC =25 MHz
mA
Standby consumption current
ICCS
-
5
VCC = 5.5 V
VIN = 5.5 V
A
IN2515ADW, IN2515AN
IN2515BDW, IN2515BN
8
Note: -
for IN2515ADW, IN2515AN
Тa from – 40 to + 85 °C,
-
for IN2515BDW, IN2515BN
Тa from – 40 to + 125 °C


Similar Part No. - IN2515

ManufacturerPart #DatasheetDescription
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
IN2 TGS-IN2 Datasheet
671Kb / 7P
   SEVEN DARLINGTON ARRAYS
Laird Tech Smart Technology
Laird Tech Smart Techno...
IN24-10 LSTD-IN24-10 Datasheet
337Kb / 1P
   Attractive housing
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
   Improved detent for better position stability
IN24-65-7 LSTD-IN24-65-7 Datasheet
598Kb / 2P
   Wall mount
IN24-65-8 LSTD-IN24-65-8 Datasheet
598Kb / 2P
   Wall mount
More results

Similar Description - IN2515

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
Microchip Technology
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
   Stand-Alone CAN Controller with SPI Interface
2000 - 2001
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com