Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

IN2515 Datasheet(PDF) 10 Page - IK Semicon Co., Ltd

Part # IN2515
Description  STAND-ALONE CAN CONTROLLER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IN2515 Datasheet(HTML) 10 Page - IK Semicon Co., Ltd

Back Button IN2515 Datasheet HTML 6Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 7Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 8Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 9Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 10Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 11Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 12Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 13Page - IK Semicon Co., Ltd IN2515 Datasheet HTML 14Page - IK Semicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
IN2515
10
2017, Nov, Rev. 01
FUNCTIONALITY
IN2515AN, IN2515ADW, IN2515BN, IN2515BDW (further IN2515) are stand-alone Controller Area
Network (CAN) controllers that implements the CAN specification, version 2.0B. It is capable of
transmitting and receiving both standard and extended data and remote frames. The IN2515 has two
acceptance masks and six acceptance filters that are used to filter out unwanted messages, thereby
reducing the host MCUs overhead.
The IN2515 is designed to interface directly with the Serial Peripheral Interface (SPI) port available on
many microcontrollers and supports Mode 0,0 and Mode 1,1. Commands and data are sent to the device
via the SI pin, with data being clocked in on the rising edge of SCK. Data is driven out by the MCP2515
(on the SO line) on the falling edge of SCK. The CS pin must be held low while any operation is performed.
The IN2515 expects the first byte after CS lowered to be the instruction/command byte. This means
that CS must be raised and then lowered again to input another command.
Table 6 contains complete list of bytes of SPI instruction set. On detail output and input diagram of
both operation modes (Mode 0.0 & Mode 1.1) please refer to Fig 15 & 16.
SPI Instruction Set
Table 6
Instruction
Name
Instruction
Format
Description
RESET
1100 0000
Resets internal registers to default state, set Configuration
mode.
READ
0000 0011
Read data from register beginning at selected address
Read RX Buffer
1001 0nm0
When reading a receive buffer, reduces the overhead of a
normal read command by placing the address pointer at one of
four locations, as indicated by „n,m‟.
Note: The associated RX flag bit (CANINTF.RXnIF) will be
cleared after bringing CS high.
WRITE
0000 0010
Write data to register beginning at selected address.
Load TX Buffer
0100 0abc
When loading a transmit buffer, reduces the overhead of a
normal Write command by placing the address pointer at one of
six locations as indicated by „a,b,c‟.
RTS
(Message
Request-To-
Send)
1000 0nnn
Instructs controller to begin message transmission sequence
for any of the transmit buffers.
Read Status
1010 0000
Quick polling command that reads several status bits for
transmit and receive functions.
RX Status
1011 0000
Quick polling command that indicates filter match and message
type (standard, extended and/or remote) of received message.
Bit Modify
0000 0101
Allows the user to set or clear individual bits in a particular
register.
Note: Not all registers can be bit-modified with this command.
Executing this command on registers that are not bitmodifiable
will force the mask to FFh.


Similar Part No. - IN2515

ManufacturerPart #DatasheetDescription
Tiger Electronic Co.,Ltd
Tiger Electronic Co.,Lt...
IN2 TGS-IN2 Datasheet
671Kb / 7P
   SEVEN DARLINGTON ARRAYS
Laird Tech Smart Technology
Laird Tech Smart Techno...
IN24-10 LSTD-IN24-10 Datasheet
337Kb / 1P
   Attractive housing
IN24-5RD LSTD-IN24-5RD Datasheet
348Kb / 1P
   Improved detent for better position stability
IN24-65-7 LSTD-IN24-65-7 Datasheet
598Kb / 2P
   Wall mount
IN24-65-8 LSTD-IN24-65-8 Datasheet
598Kb / 2P
   Wall mount
More results

Similar Description - IN2515

ManufacturerPart #DatasheetDescription
NXP Semiconductors
NXP Semiconductors
SJA1000N NXP-SJA1000N Datasheet
226Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
82C200 PHILIPS-82C200 Datasheet
1Mb / 36P
   Stand-alone CAN-controller
November 1992
SJA1000 PHILIPS-SJA1000 Datasheet
234Kb / 68P
   Stand-alone CAN controller
2000 Jan 04
PCA82C200 PHILIPS-PCA82C200 Datasheet
1Mb / 42P
   STAND-ALONE CAN-CONTROLLER
October 1990
Microchip Technology
Microchip Technology
MCP2510-I MICROCHIP-MCP2510-I Datasheet
703Kb / 80P
   Stand-Alone CAN Controller with SPIInterface
12/08/06
MCP2515T-ESTRB4 MICROCHIP-MCP2515T-ESTRB4 Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2515 MICROCHIP-MCP2515_12 Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
2003-2012 11/29/11
MCP2515-I MICROCHIP-MCP2515-I Datasheet
1Mb / 92P
   Stand-Alone CAN Controller with SPI Interface
11/29/11
MCP2515T-E MICROCHIP-MCP2515T-E Datasheet
633Kb / 84P
   Stand-Alone CAN Controller With SPI Interface
10/05/07
MCP2510 MICROCHIP-MCP2510 Datasheet
993Kb / 76P
   Stand-Alone CAN Controller with SPI Interface
2000 - 2001
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com