Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SJ601-Z Datasheet(PDF) 1 Page - NEC

Part # 2SJ601-Z
Description  SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SJ601-Z Datasheet(HTML) 1 Page - NEC

  2SJ601-Z Datasheet HTML 1Page - NEC 2SJ601-Z Datasheet HTML 2Page - NEC 2SJ601-Z Datasheet HTML 3Page - NEC 2SJ601-Z Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
©
2000
MOS FIELD EFFECT TRANSISTOR
2SJ601
SWITCHING
P-CHANNEL POWER MOS FET
INDUSTRIAL USE
PRELIMINARY DATA SHEET
Document No.
D14646EJ1V0DS00 (1st edition)
Date Published
November 2000 NS CP(K)
Printed in Japan
DESCRIPTION
The 2SJ601 is P-channel MOS Field Effect Transistor designed
for solenoid, motor and lamp driver.
FEATURES
• Low on-state resistance:
RDS(on)1 = 31 m
Ω MAX. (VGS = –10 V, ID = –18 A)
RDS(on)2 = 46 m
Ω MAX. (VGS = –4.0 V, ID = –18 A)
• Low Ciss: Ciss = 3300 pF TYP.
• Built-in gate protection diode
• TO-251/TO-252 package
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Drain to Source Voltage (VGS = 0 V)
VDSS
–60
V
Gate to Source Voltage (VGS = 0 V)
VGSS
m 20
V
Drain Current (DC) (TC = 25°C)
ID(DC)
m 36
A
Drain Current (pulse)
Note1
ID(pulse)
m 120
A
Total Power Dissipation (TC = 25°C)
PT
65
W
Total Power Dissipation (TA = 25°C)
PT
1.0
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
–55 to +150
°C
Single Avalanche Current
Note2
IAS
–35
A
Single Avalanche Energy
Note2
EAS
123
mJ
Notes 1. PW
≤ 10
µs, Duty cycle ≤ 1%
2. Starting Tch = 25°C, RG = 25
Ω, VGS = –20 V ¡ 0 V
ORDERING INFORMATION
PART NUMBER
PACKAGE
2SJ601
TO-251
2SJ601-Z
TO-252
(TO-251)
(TO-252)


Similar Part No. - 2SJ601-Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ601-Z RENESAS-2SJ601-Z Datasheet
238Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2001
logo
VBsemi Electronics Co.,...
2SJ601-Z-E1-AZ VBSEMI-2SJ601-Z-E1-AZ Datasheet
971Kb / 7P
   P-Channel 60 V (D-S) MOSFET
More results

Similar Description - 2SJ601-Z

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1730 NEC-UPA1730 Datasheet
71Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ330 NEC-2SJ330 Datasheet
339Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ493 NEC-2SJ493 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ495 NEC-2SJ495 Datasheet
75Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ329 NEC-2SJ329 Datasheet
344Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ331 NEC-2SJ331 Datasheet
345Kb / 6P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ600 NEC-2SJ600 Datasheet
40Kb / 4P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
2SJ302 NEC-2SJ302 Datasheet
440Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1716 NEC-UPA1716 Datasheet
66Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
UPA1717 NEC-UPA1717 Datasheet
65Kb / 8P
   SWITCHING P-CHANNEL POWER MOS FET INDUSTRIAL USE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com