Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SK3116 Datasheet(PDF) 4 Page - NEC

Part # 2SK3116
Description  SWITCHING N-CHANNEL POWER MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SK3116 Datasheet(HTML) 4 Page - NEC

  2SK3116 Datasheet HTML 1Page - NEC 2SK3116 Datasheet HTML 2Page - NEC 2SK3116 Datasheet HTML 3Page - NEC 2SK3116 Datasheet HTML 4Page - NEC 2SK3116 Datasheet HTML 5Page - NEC 2SK3116 Datasheet HTML 6Page - NEC 2SK3116 Datasheet HTML 7Page - NEC 2SK3116 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D13339EJ2V0DS
4
2SK3116
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
50
150
2.0
0
0
100
−50
Tch - Channel Temperature - ˚C
3.0
1.0
VGS = 10 V
4.0
4.0 A
Pulsed
ID = 7.5 A
SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
VSD - Source to Drain Voltage - V
1.5
1.0
0.5
0
100
10
1.0
0.1
Pulsed
0 V
VGS = 10 V
1000
100
10
1.0
10000
1000
100
10
1
CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
Ciss
Coss
Crss
VGS = 0 V
f = 1 MHz
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
0.1
1
10
ID - Drain Current - A
100
10
1
0.1
VDD = 150 V
VGS = 10 V
RG = 10
td(off)
td(on)
tf
tr
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
1.0
10
100
0.1
ID - Drain Current - A
10000
1000
100
10
di/dt = 50 A/
µs
VGS = 0 V
QG - Gate Charge - nC
012
820
32
600
400
200
DYNAMIC INPUT/OUTPUT CHARACTERISTICS
16
14
12
10
8
6
4
2
0
ID = 7.5 A
VGS
VDD = 450 V
300 V
150 V
VDS


Similar Part No. - 2SK3116

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SK3116 KEXIN-2SK3116 Datasheet
45Kb / 1P
   MOS Field Effect Transistor
logo
Inchange Semiconductor ...
2SK3116 ISC-2SK3116 Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3116 RENESAS-2SK3116 Datasheet
237Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
logo
Inchange Semiconductor ...
2SK3116-S ISC-2SK3116-S Datasheet
326Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Renesas Technology Corp
2SK3116-S RENESAS-2SK3116-S Datasheet
237Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1998
More results

Similar Description - 2SK3116

ManufacturerPart #DatasheetDescription
logo
NEC
2SK4078 NEC-2SK4078 Datasheet
184Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
2SK4092 NEC-2SK4092 Datasheet
198Kb / 8P
   SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
2SK3943 RENESAS-2SK3943_15 Datasheet
265Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP80N04MLG RENESAS-NP80N04MLG_15 Datasheet
356Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
NP82N06PLG RENESAS-NP82N06PLG_15 Datasheet
313Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N06VLG RENESAS-NP90N06VLG_15 Datasheet
337Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP60N055KUG RENESAS-NP60N055KUG_15 Datasheet
269Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
NP90N04PUF RENESAS-NP90N04PUF_15 Datasheet
274Kb / 9P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3793 RENESAS-2SK3793_15 Datasheet
306Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
2SK3811 RENESAS-2SK3811_15 Datasheet
274Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com