Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCL5616HW Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # SCL5616HW
Description  2-FUNCTION, 4-DIGIT LCD AUTOMOTIVE CLOCK-PROGRAMMABLE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SCL5616HW Datasheet(HTML) 1 Page - Allegro MicroSystems

  SCL5616HW Datasheet HTML 1Page - Allegro MicroSystems SCL5616HW Datasheet HTML 2Page - Allegro MicroSystems SCL5616HW Datasheet HTML 3Page - Allegro MicroSystems SCL5616HW Datasheet HTML 4Page - Allegro MicroSystems SCL5616HW Datasheet HTML 5Page - Allegro MicroSystems SCL5616HW Datasheet HTML 6Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
5616
2-FUNCTION, 4-DIGIT LCD AUTOMOTIVE CLOCK
c1
e2
d2
c2
e3
c3
e4
d4
c4
b4
S1
DATA
b2
COLON
g3
f3
ad3
b3
g4
f4
a4
S2
SELECT
GROUND
2040 x 3040
µm
0.080 x 0.120 in
DISCONTINUED
PRODUCT
FOR
REFERENCE
ONL
Y
2-FUNCTION, 4-DIGIT
LCD AUTOMOTIVE CLOCK—PROGRAMMABLE
The SCL5616HW is a 2-function digital automotive clock circuit.
Fabricated on a single monolithic chip using silicon-gate CMOS PROM
technology, it offers low cost, low power, and high reliability. It also
includes digital frequency correction, stored in the internal nonvolatile
memory, for easy adjustment of the oscillator nominal frequency.
The SCL5616HW is supplied in wafer form and is rated for
continuous operation over the automotive temperature range of
-40
°C to +85°C.
FEATURES
s Digital Tuning of Crystal Frequency
s PROM for Storing Frequency Correction Information
s 12 or 24 Hour Timekeeping Option
s Flashing Colon
s Two Switches Control All Setting Functions
s High Noise Immunity
s Internal Power-Up Reset Circuitry
s Internal Voltage Regulation
Dwg. No. PC-001
Always order by complete part number:
SCL5616HW
.
Caution: These CMOS devices have static pro-
tection, but are susceptible to damage if exposed
to extremely high static electrical charges.
ABSOLUTE MAXIMUM RATINGS
Supply Current, I
DD
.......................... 2.0 mA
Input Voltage Range, V
IN
(except V
PP
) ...................... -0.3 V to V
DD
(Programming
Power Voltage, V
PP
) .................. 18.5 V
Input Current (except V
PP
), I
IN
.........
±10 mA
Power Dissipation, P
D
................... 300 mW
Operating Temperature Range,
T
A
.................................. -40
°C to +85°C
Storage Temperature Range,
T
S
................................ -65
°C to +150°C
5616


Similar Part No. - SCL5616HW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SCL5616HW ALLEGRO-SCL5616HW Datasheet
87Kb / 6P
   2-FUNCTION, 4-DIGIT LCD AUTOMOTIVE CLOCK-PROGRAMMABLE
More results

Similar Description - SCL5616HW

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
5616 ALLEGRO-5616 Datasheet
87Kb / 6P
   2-FUNCTION, 4-DIGIT LCD AUTOMOTIVE CLOCK-PROGRAMMABLE
logo
NXP Semiconductors
PCF1171C PHILIPS-PCF1171C Datasheet
112Kb / 16P
   4-digit LCD car clock
1996 Jan 08
PCF1172C PHILIPS-PCF1172C Datasheet
111Kb / 16P
   31/2-digit LCD car clock
1997 Apr 16
PCF1179C PHILIPS-PCF1179C Datasheet
133Kb / 20P
   4-digit duplex LCD car clock
1997 Apr 16
PCF1175C PHILIPS-PCF1175C Datasheet
132Kb / 20P
   4-digit duplex LCD car clock
1997 Apr 16
PCF1174C PHILIPS-PCF1174C Datasheet
133Kb / 20P
   4-digit static LCD car clock
1997 Apr 16
PCF1178C PHILIPS-PCF1178C Datasheet
132Kb / 20P
   4-digit duplex LCD car clock
1997 Apr 16
logo
UMC Corporation
UM3273 UMC-UM3273 Datasheet
695Kb / 9P
   3 1/2 - DIGIT MULTIPLEXED LCD ALARM CLOCK
logo
Cyrustek corporation
ES5129 CYRUSTEK-ES5129 Datasheet
674Kb / 12P
   4-1/2 digit with LCD
logo
BOWIN ELECTRONIC CO.
LS3273E BOWIN-LS3273E Datasheet
122Kb / 9P
   Lcd 4 Digit Alarm Clock With 16 Dots Animation
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com