Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN1851AN Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FAN1851AN
Description  Ground Fault Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1851AN Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN1851AN Datasheet HTML 3Page - Fairchild Semiconductor FAN1851AN Datasheet HTML 4Page - Fairchild Semiconductor FAN1851AN Datasheet HTML 5Page - Fairchild Semiconductor FAN1851AN Datasheet HTML 6Page - Fairchild Semiconductor FAN1851AN Datasheet HTML 7Page - Fairchild Semiconductor FAN1851AN Datasheet HTML 8Page - Fairchild Semiconductor FAN1851AN Datasheet HTML 9Page - Fairchild Semiconductor FAN1851AN Datasheet HTML 10Page - Fairchild Semiconductor FAN1851AN Datasheet HTML 11Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
FAN1851A
PRODUCT SPECIFICATION
9
REV. 2.0.1 6/17/05
Mechanical Dimensions
8-Lead Plastic DIP Package
Dimensions in Millimeters
6.40
±0.20
3.30
±0.30
0.130
±0.012
3.40
±0.20
0.134
±0.008
#1
#4
#5
#8
0.252
±0.008
5.08
0.200
0.33
0.013
7.62
0~15°
0.300
MAX
MIN
0.25
+0.10
–0.05
0.010
+0.004
–0.002


Similar Part No. - FAN1851AN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN100 FAIRCHILD-FAN100 Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
939Kb / 21P
   Design and Application of Primary-Side Regulation (PSR) PWM Controller
FAN100 FAIRCHILD-FAN100 Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
513Kb / 14P
   Primary-Side-Control PWM Controller
FAN100MY FAIRCHILD-FAN100MY Datasheet
517Kb / 16P
   Primary-Side-Control PWM Controller
More results

Similar Description - FAN1851AN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com