Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSBIC2150Z300K Datasheet(PDF) 1 Page - Kemet Corporation

Part # RSBIC2150Z300K
Description  RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

RSBIC2150Z300K Datasheet(HTML) 1 Page - Kemet Corporation

  RSBIC2150Z300K Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
KEMET Part Number: RSBIC2150Z300K
RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
Dimensions
L
7.2mm +0.2mm
H
6.5mm +0.1mm
T
2.5mm +0.2mm
S
5mm +/-0.4mm
LL
17mm +1/-2mm
F
0.6mm +/-0.05mm
Packaging Specifications
Packaging: Bulk, Bag
Packaging Quantity: 4000
General Information
Supplier: KEMET
Series: RSB
Dielectric: Metallized Polyester Stacked
Style: Radial
Features: Automotive Grade, DC
Multipurpose Applications
RoHS: Yes
Lead: Wire Leads
Qualifications: AEC-Q200
AEC-Q200: Yes
Miscellaneous: Above 85C DC And AC Voltage
Derating Is 1.25%/C
Specifications
Capacitance: 0.015 uF
Capacitance Tolerance: 10%
Voltage AC: 160 VAC
Voltage DC: 250 VDC
Temperature Range: -55/+125C
Rated Temperature: 85C
Dissipation Factor: 0.80% 1kHz, 1.20% 10kHz,
2.50% 100kHz
Insulation Resistance: 30 GOhms
Max dV/dt: 400 V/us
Inductance: 7 nH
© 2006 - 2018 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
Generated 7/31/2018 - a950c8d9-5c1b-4823-984f-6bd0ef1e4103


Similar Part No. - RSBIC2150Z300K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBIC2150AA00K KEMET-RSBIC2150AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
More results

Similar Description - RSBIC2150Z300K

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
RSBIC2150AA00K KEMET-RSBIC2150AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
RSBEC2150Z300K KEMET-RSBEC2150Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 100 VDC, 85C, Lead Spacing = 5mm
RSBWC2150Z300K KEMET-RSBWC2150Z300K Datasheet
58Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 500 VDC, 85C, Lead Spacing = 5mm
RSBMC2150Z300K KEMET-RSBMC2150Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 400 VDC, 85C, Lead Spacing = 5mm
RSBMC2150AA00K KEMET-RSBMC2150AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 400 VDC, 85C, Lead Spacing = 5mm
RSBWC2150AA00K KEMET-RSBWC2150AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.015 uF, 10%, 500 VDC, 85C, Lead Spacing = 5mm
RSBIC3100Z300K KEMET-RSBIC3100Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.1 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
RSBIC2330Z300K KEMET-RSBIC2330Z300K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.033 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
RSBIC2680AA00K KEMET-RSBIC2680AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.068 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
RSBIC2330AA00K KEMET-RSBIC2330AA00K Datasheet
57Kb / 1P
   RSB, Film, Metallized Polyester Stacked, Automotive Grade, 0.033 uF, 10%, 250 VDC, 85C, Lead Spacing = 5mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com