Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS557G-03LF Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS557G-03LF
Description  PCI-EXPRESS CLOCK SOURCE
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS557G-03LF Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS557G-03LF Datasheet HTML 1Page - Integrated Circuit Systems ICS557G-03LF Datasheet HTML 2Page - Integrated Circuit Systems ICS557G-03LF Datasheet HTML 3Page - Integrated Circuit Systems ICS557G-03LF Datasheet HTML 4Page - Integrated Circuit Systems ICS557G-03LF Datasheet HTML 5Page - Integrated Circuit Systems ICS557G-03LF Datasheet HTML 6Page - Integrated Circuit Systems ICS557G-03LF Datasheet HTML 7Page - Integrated Circuit Systems ICS557G-03LF Datasheet HTML 8Page - Integrated Circuit Systems ICS557G-03LF Datasheet HTML 9Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PCI-EXPRESS CLOCK SOURCE
MDS 557-03 E
5
Revision 061005
In te gr ated Circuit Systems 525 Ra ce Street, San Jose, CA 9512 6 tel (4 08) 297-1 201 www.icst.com
ICS557-03
LVDS Compatible Layout Guidelines
LVDS Device Routing
Typical LVDS Waveform
LVDS Recommendations for Differential Routing
Dimension or Value
Unit
L1 length, Route as non-coupled 50 ohm trace.
0.5 max
inch
L2 length, Route as non-coupled 50 ohm trace.
0.2 max
inch
RP
100
ohm
RQ
100
ohm
RT
150
ohm
L3 length, Route as coupled 50 ohm differential trace.
L3 length, Route as coupled 50 ohm differential trace.
L1
L2’
L3
L1’
L2
L3’
R
Q
R
P
LVDS
Device
Load
ICS557-03
Clock
Output
R
T
R
T
1150 mV
1250 mV
t
OR
t
OF
500 ps
500 ps
1325 mV
1000 mV
1150 mV
1250 mV


Similar Part No. - ICS557G-03LF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS557G-03LF IDT-ICS557G-03LF Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
ICS557G-03LFT IDT-ICS557G-03LFT Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
More results

Similar Description - ICS557G-03LF

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS557-01 ICST-ICS557-01 Datasheet
206Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
logo
Integrated Device Techn...
ICS557-03 IDT-ICS557-03 Datasheet
258Kb / 10P
   PCI-EXPRESS CLOCK SOURCE
557M-01LF IDT-557M-01LF Datasheet
121Kb / 10P
   PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-01 RENESAS-ICS557-01 Datasheet
311Kb / 11P
   PCI-EXPRESS GEN1 CLOCK SOURCE
072512
logo
Integrated Device Techn...
ICS557-05A IDT-ICS557-05A Datasheet
308Kb / 12P
   QUAD DIFFERENTIAL PCI-EXPRESS CLOCK SOURCE
logo
Integrated Circuit Syst...
ICS557-05A ICST-ICS557-05A Datasheet
263Kb / 12P
   Quad Differential PCI-Express Clock Source
logo
Integrated Device Techn...
557G-03LF IDT-557G-03LF Datasheet
162Kb / 11P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
logo
Renesas Technology Corp
ICS557-05A RENESAS-ICS557-05A Datasheet
345Kb / 13P
   QUAD DIFFERENTIAL PCI-EXPRESS GEN1 CLOCK SOURCE
112111
IDT5V41129 RENESAS-IDT5V41129 Datasheet
327Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
02032014
ICS557-03 RENESAS-ICS557-03 Datasheet
318Kb / 12P
   2 OUTPUT PCI-EXPRESS GEN1 CLOCK SOURCE
112111
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com