Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKB15N60T Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IKB15N60T
Description  IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKB15N60T Datasheet(HTML) 5 Page - Infineon Technologies AG

  IKB15N60T Datasheet HTML 1Page - Infineon Technologies AG IKB15N60T Datasheet HTML 2Page - Infineon Technologies AG IKB15N60T Datasheet HTML 3Page - Infineon Technologies AG IKB15N60T Datasheet HTML 4Page - Infineon Technologies AG IKB15N60T Datasheet HTML 5Page - Infineon Technologies AG IKB15N60T Datasheet HTML 6Page - Infineon Technologies AG IKB15N60T Datasheet HTML 7Page - Infineon Technologies AG IKB15N60T Datasheet HTML 8Page - Infineon Technologies AG IKB15N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
IKB15N60T
TrenchStop Series
q
Power Semiconductors
5
Rev. 2.1 Dec-04
0V
1V
2V
3V
0A
5A
10A
15A
20A
25A
30A
35A
40A
15V
7V
9V
11V
13V
V
GE=2 0V
0V
1V
2V
3V
0A
5A
10A
15A
20A
25A
30A
35A
40A
15V
7V
9V
11V
13V
V
GE=20 V
VCE, COLLECTOR-EMITTER VOLTAGE
VCE, COLLECTOR-EMITTER VOLTAGE
Figure 5. Typical output characteristic
(Tj = 25°C)
Figure 6. Typical output characteristic
(Tj = 175°C)
0V
2V
4V
6V
8V
0A
5A
10A
15A
20A
25A
30A
35A
25°C
T
J=17 5 °C
0°C
50°C
100°C
150°C
0.0V
0.5V
1.0V
1.5V
2.0V
2.5V
I
C= 15A
I
C= 30A
I
C=7 .5 A
VGE, GATE-EMITTER VOLTAGE
TJ, JUNCTION TEMPERATURE
Figure 7. Typical transfer characteristic
(VCE=20V)
Figure 8. Typical collector-emitter
saturation voltage as a function of
junction temperature
(VGE = 15V)


Similar Part No. - IKB15N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKB15N60T INFINEON-IKB15N60T Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
IKB15N60T INFINEON-IKB15N60T_15 Datasheet
702Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 11.05.2015
More results

Similar Description - IKB15N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IKP20N60T INFINEON-IKP20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
IHP10T120 INFINEON-IHP10T120 Datasheet
334Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Jun-04
IKP15N60T INFINEON-IKP15N60T Datasheet
402Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 May 06
IKW50N60T INFINEON-IKW50N60T Datasheet
416Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKW75N60T INFINEON-IKW75N60T Datasheet
411Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.4 May 06
IKP04N60T INFINEON-IKP04N60T Datasheet
365Kb / 13P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKP10N60T INFINEON-IKP10N60T Datasheet
396Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com