Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GSM12U Datasheet(PDF) 5 Page - Mean Well Enterprises Co., Ltd.

Part # GSM12U
Description  12W AC-DC Reliable Green Medical Adaptor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.

GSM12U Datasheet(HTML) 5 Page - Mean Well Enterprises Co., Ltd.

  GSM12U Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. GSM12U Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. GSM12U Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. GSM12U Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. GSM12U Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
File Name:GSM12U-SPEC 2018-09-28
GSM12U series
12W AC-DC Reliable Green Medical Adaptor
R7B
+Vo
-Vo
Type No.
Min. DIN 4 Pin with Lock (male)
2
1
Stripped and tinned leads
+Vo
-Vo
by customer
Installation Manual
Please refer to : http://www.meanwell.com/manual.html
Pin Assignment
PIN No.
Output
Pin Assignment
PIN No.
Output
Type No.
1
2
3
4
+Vo
-Vo
2
14
3
KYCON KPPX 4P equivalent
-
2
1
L
L1
Length of Land L1 by request
(
’s standard length, L:
mm, L1:
mm)
MW
25
10
R6B
Type No.
Pin Assignment
PIN No.
Output
1
2
3
+Vo
-Vo
+Vo
Min. DIN 3 Pin with Lock (male)
KYCON KPPX 3P equivalent
-
2
1
3
Type No.
A
B
D
OD
ID
Center Pin
3.4
11.0
55
.
4.4
11.0
6.5
1.0
1.4
C
L
P4C
P4A
P4B
5.1
11.0
7.4
0.6
Center Pin Style
A
B
D
C
EIAJ equivalent
( Ribbed )
( Letter )


Similar Part No. - GSM12U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
   120W AC-DC Reliable Green Medical Adaptor
GSM120B MEANWELL-GSM120B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM120B12-R7B MEANWELL-GSM120B12-R7B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM120B15-R7B MEANWELL-GSM120B15-R7B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
GSM120B20-R7B MEANWELL-GSM120B20-R7B Datasheet
103Kb / 3P
   120WAC-DC High Reliability Medical Adaptor
More results

Similar Description - GSM12U

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
GSM12E MEANWELL-GSM12E Datasheet
497Kb / 5P
   12W AC-DC Reliable Green Medical Adaptor
GSM06E MEANWELL-GSM06E Datasheet
480Kb / 5P
   6W AC-DC Reliable Green Medical Adaptor
GSM160A MEANWELL-GSM160A Datasheet
760Kb / 5P
   160W AC-DC Reliable Green Medical Adaptor
GSM06U MEANWELL-GSM06U Datasheet
475Kb / 5P
   6W AC-DC Reliable Green Medical Adaptor
GSM40B MEANWELL-GSM40B Datasheet
871Kb / 5P
   40W AC-DC Reliable Green Medical Adaptor
GSM120A MEANWELL-GSM120A Datasheet
740Kb / 5P
   120W AC-DC Reliable Green Medical Adaptor
GSM220A MEANWELL-GSM220A Datasheet
770Kb / 5P
   220W AC-DC Reliable Green Medical Adaptor
GSM90A MEANWELL-GSM90A Datasheet
789Kb / 5P
   90W AC-DC Reliable Green Medical Adaptor
GEM40I MEANWELL-GEM40I Datasheet
523Kb / 5P
   40W AC-DC Reliable Green Interchangeable Medical Adaptor
GEM06I MEANWELL-GEM06I Datasheet
545Kb / 6P
   6W AC-DC Reliable Green Interchangeable Medical Adaptor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com