Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P7TF-IS16 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # P7TF-IS16
Description  I/O Terminal Sockets to Flexibly Build Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P7TF-IS16 Datasheet(HTML) 1 Page - Omron Electronics LLC

  P7TF-IS16 Datasheet HTML 1Page - Omron Electronics LLC P7TF-IS16 Datasheet HTML 2Page - Omron Electronics LLC P7TF-IS16 Datasheet HTML 3Page - Omron Electronics LLC P7TF-IS16 Datasheet HTML 4Page - Omron Electronics LLC P7TF-IS16 Datasheet HTML 5Page - Omron Electronics LLC P7TF-IS16 Datasheet HTML 6Page - Omron Electronics LLC P7TF-IS16 Datasheet HTML 7Page - Omron Electronics LLC P7TF-IS16 Datasheet HTML 8Page - Omron Electronics LLC P7TF-IS16 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CSM_P7TF-IS16_OS16_OS08_DS_E_1_2
1
I/O Terminal Socket
P7TF-IS16/OS16/OS08
I/O Terminal Sockets to Flexibly Build
Systems
• Mount either G7T I/O Relays or G3TA SSRs.
• Compact size for both Input and Output I/O Terminal Sockets:
182 (102 for 8 I/O points) (W)
× 85 (D) × 68 (H) mm.
• Surge absorption circuits provided.
• LED indicators as a standard feature.
• DIN Track mounting.
Ordering Information
I/O Terminal Sockets
Accessories (Order Separately)
Cables for I/O Relay Terminals
• Cables with Loose Wires and Crimp Terminals: XW2Z-RY C
• Cables with Loose Wires: XW2Z-RA C
• Cables with Connectors: XW2Z-R C- -
• Cables with Connectors (1:2): XW2Z-RO C-
and XW2Z-RI C-
• Cables with Connectors (1:1): XW2Z-R C
Refer to the XW2Z-R Datasheet for details.
Shorting Bar
Output Short-Circuit Module
Sockets
Indicator Module
(with Surge Suppressing Function)
Note: 1. Order the Indicator Module that is suited to the Relay coil
voltage.
2. The Indicator Module for DC Relays has a multiple power
supply common to 12 and 24 VDC.
3. The input current is as given below (reference values).
100/110 VAC: 1.14 to 1.38 mA
200/220 VAC: 1.40 to 1.71 mA
12/24 VDC: 4.83 to 5.90 mA
4. Weight: Approx. 6 g
Accessories for DIN Track Mounting
Refer to your OMRON website for details on the PFP- .
I/O classification
I/O points
Internal I/O common
Rated voltage
Model
For inputs
16
NPN (
− common)
12 VDC
P7TF-IS16
DC12
24 VDC
P7TF-IS16
DC24
100/110 VDC
P7TF-IS16
DC100/110
100/110 VAC
P7TF-IS16
AC100/110
200/220 VAC
P7TF-IS16
AC200/220
For outputs
NPN (+ common)
12 VDC
P7TF-OS16
DC12
24 VDC
P7TF-OS16
DC24
PNP (
− common)
12 VDC
P7TF-OS16-1 DC12
24 VDC
P7TF-OS16-1 DC24
8
NPN (+ common)
12 VDC
P7TF-OS08
DC12
24 VDC
P7TF-OS08
DC24
When ordering, specify the rated voltage.
Model
G78-04
Model
G77-S
Model
P7TF-05
Type
Applicable relay
coil voltage
Model
Remarks
For AC Relays
100 (110) VAC
P70A
AC100/110
Varistors
200 (220) VAC
P70A
AC200/220
For DC Relays
12/24 VDC
P70D
DC12/24
Diodes


Similar Description - P7TF-IS16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C2000 TI1-TMS320C2000 Datasheet
26Kb / 2P
[Old version datasheet]   Using the TMS320C2000 DMC to Build Control Systems
logo
Contec Co., Ltd
DIO-0808TY-USB CONTEC-DIO-0808TY-USB Datasheet
166Kb / 3P
   Digital I/O Terminal for USB2.0
logo
NHP Electrical Engineer...
1734-VTM NHP-1734-VTM Datasheet
430Kb / 1P
   POINT I/O VOLTAGE TERMINAL MODULE
7 June 2023,
logo
Sony Corporation
CXA1812Q SONY-CXA1812Q Datasheet
309Kb / 22P
   S-terminal Compatible Video I/O
logo
List of Unclassifed Man...
HSL-TB32-M-DIN ETC2-HSL-TB32-M-DIN Datasheet
218Kb / 1P
   32-CH I/O Terminal Base
logo
Black Box Registered Tr...
ED-549 BLACKBOX-ED-549 Datasheet
1Mb / 6P
   Ethernet to Analogue I/O
ED-560 BLACKBOX-ED-560 Datasheet
1Mb / 6P
   Ethernet to Analogue I/O
logo
Global Mixed-mode Techn...
G1214A GMT-G1214A Datasheet
306Kb / 1P
   Rail-to-Rail I/O
logo
Contec Co., Ltd
DIO-0808LY-USB CONTEC-DIO-0808LY-USB Datasheet
116Kb / 4P
   Isolated Digital I/O Terminal for USB2.0
logo
NHP Electrical Engineer...
1769-RTBN18 NHP-1769-RTBN18 Datasheet
533Kb / 1P
   COMPACTLOGIX I/O REPLACEMENT TERMINAL BLOCK 18PIN
8 June 2023,
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com