Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDB87D10 Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDB87D10
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDB87D10 Datasheet(HTML) 2 Page - Sumida Corporation

  CDB87D10 Datasheet HTML 1Page - Sumida Corporation CDB87D10 Datasheet HTML 2Page - Sumida Corporation CDB87D10 Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Power Inductor
CDB87D10
Note: This specification is subject to change without notice. Please contact your nearest sales office for updated information when placing an order.
Page 2 of 3
Ver.0.0 (November 10, 2016)
www.sumida.com
Electrical Characteristics
Part No.
Inductance
(mH)
Within
D.C.R (
Ω)
Max. (Typ.)
at 20℃
Saturation Current (A)
(Typ.) *1
Temperature Rise
Current (A) Typ.
*2
at 25℃
at 100℃
at 125℃
CDB87D10NP-R23MC
0.23 ±20%
0.20m(0.19m)
(74.0)
(64.0)
(60.0)
(72.0)
Measuring frequency inductance at 1MHz.
*1 Saturation current: DC current which becomes inductance value drop by 20% from the initial value.
*2 Temperature rise current: The value of D.C. current when the temperature of coil becomes ⊿T=40℃(Ta=20℃).


Similar Part No. - CDB87D10

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDB87D78 SUMIDA-CDB87D78 Datasheet
504Kb / 3P
   SMD Power Inductor
CDB87D78NP-R15MC SUMIDA-CDB87D78NP-R15MC Datasheet
504Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDB87D10

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com