Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV25080 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NV25080
Description  EEPROM Serial 8/16/32/64-Kb SPI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25080 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NV25080 Datasheet HTML 2Page - ON Semiconductor NV25080 Datasheet HTML 3Page - ON Semiconductor NV25080 Datasheet HTML 4Page - ON Semiconductor NV25080 Datasheet HTML 5Page - ON Semiconductor NV25080 Datasheet HTML 6Page - ON Semiconductor NV25080 Datasheet HTML 7Page - ON Semiconductor NV25080 Datasheet HTML 8Page - ON Semiconductor NV25080 Datasheet HTML 9Page - ON Semiconductor NV25080 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NV25080, NV25160, NV25320, NV25640
www.onsemi.com
6
WRITE OPERATIONS
The NV25xxx device powers up into a write disable state.
The device contains a Write Enable Latch (WEL) which
must be set before attempting to write to the memory array
or to the status register. In addition, the address of the
memory location(s) to be written must be outside the
protected area, as defined by BP0 and BP1 bits from the
status register.
Write Enable and Write Disable
The internal Write Enable Latch and the corresponding
Status Register WEL bit are set by sending the WREN
instruction to the NV25xxx. Care must be taken to take the
CS input high after the WREN instruction, as otherwise the
Write Enable Latch will not be properly set. WREN timing
is illustrated in Figure 3. The WREN instruction must be
sent prior to any WRITE or WRSR instruction.
The internal write enable latch is reset by sending the
WRDI instruction as shown in Figure 4. Disabling write
operations by resetting the WEL bit, will protect the device
against inadvertent writes.
Figure 3. WREN Timing
SCK
SI
SO
00
0
0
0
11
0
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS
Figure 4. WRDI Timing
SCK
SI
SO
0
0
000
10
0
HIGH IMPEDANCE
Dashed Line = mode (1, 1)
CS


Similar Part No. - NV25080

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25080DTVLT3G ONSEMI-NV25080DTVLT3G Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080DWVLT3G ONSEMI-NV25080DWVLT3G Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080LV ONSEMI-NV25080LV Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080MUW ONSEMI-NV25080MUW Datasheet
284Kb / 14P
   EEPROM Serial 8/16-Kb SPI - Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 4
NV25080MUW2VTAG ONSEMI-NV25080MUW2VTAG Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results

Similar Description - NV25080

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25080LV ONSEMI-NV25080LV Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
CAT25320 ONSEMI-CAT25320_18 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com