Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV25080 Datasheet(PDF) 2 Page - ON Semiconductor

Part # NV25080
Description  EEPROM Serial 8/16/32/64-Kb SPI
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25080 Datasheet(HTML) 2 Page - ON Semiconductor

  NV25080 Datasheet HTML 1Page - ON Semiconductor NV25080 Datasheet HTML 2Page - ON Semiconductor NV25080 Datasheet HTML 3Page - ON Semiconductor NV25080 Datasheet HTML 4Page - ON Semiconductor NV25080 Datasheet HTML 5Page - ON Semiconductor NV25080 Datasheet HTML 6Page - ON Semiconductor NV25080 Datasheet HTML 7Page - ON Semiconductor NV25080 Datasheet HTML 8Page - ON Semiconductor NV25080 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
NV25080, NV25160, NV25320, NV25640
www.onsemi.com
2
Table 1. ABSOLUTE MAXIMUM RATINGS
Parameters
Ratings
Units
Operating Temperature
−45 to +150
°C
Storage Temperature
−65 to +150
°C
Voltage on any Pin with Respect to Ground (Note 1)
−0.5 to +6.5
V
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. The DC input voltage on any pin should not be lower than −0.5 V or higher than VCC + 0.5 V. During transitions, the voltage on any pin may
undershoot to no less than −1.5 V or overshoot to no more than VCC + 1.5 V, for periods of less than 20 ns.
Table 2. RELIABILITY CHARACTERISTICS (Note 2)
Symbol
Parameter
Test Condition
Max
Units
NEND
Endurance
TA ≤ 25°C
4,000,000
Write Cycles
(Note 3)
TA = 85°C
1,200,000
TA = 125°C
600,000
TA = 150°C
300,000
TDR
Data Retention
TA = 25°C
200
Year
2. Determined through qualification/characterization.
3. A Write Cycle refers to writing a Byte, a Page, the Status Register or the Identification Page.
Table 3. DC OPERATING CHARACTERISTICS
(VCC = 2.5 V to 5.5 V, TA = −40°C to +150°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
Min
Max
Units
Read, SO open
fSCK = 10 MHz
3
mA
ICCW
Supply Current
(Write Mode)
Write, CS = VCC
2
mA
Write, CS = VCC
2
mA
ISB1
Standby Current
VIN = GND or VCC,
CS = VCC, WP = VCC,
HOLD = VCC, VCC = 5.5 V
TA = −40°C to +125°C
3
mA
TA = −40°C to +150°C
7
mA
ISB2
Standby Current
VIN = GND or VCC,
CS = VCC, WP = GND,
HOLD = GND, VCC = 5.5 V
TA = −40°C to +125°C
5
mA
TA = −40°C to +150°C
10
mA
IL
Input Leakage Current
VIN = GND or VCC
−2
2
mA
ILO
Output Leakage Current
CS = VCC, VOUT = GND or VCC
−2
2
mA
VIL1
Input Low Voltage
−0.5
0.3 VCC
V
VIH1
Input High Voltage
0.7 VCC
VCC + 0.5
V
VOL1
Output Low Voltage
IOL = 3.0 mA
0.4
V
VOH1
Output High Voltage
IOH = −1.6 mA
VCC −0.8 V
V
VPORth
Internal Power−On
Reset Threshold
0.6
1.5
V
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - NV25080

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25080DTVLT3G ONSEMI-NV25080DTVLT3G Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080DWVLT3G ONSEMI-NV25080DWVLT3G Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080LV ONSEMI-NV25080LV Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25080MUW ONSEMI-NV25080MUW Datasheet
284Kb / 14P
   EEPROM Serial 8/16-Kb SPI - Automotive Grade 1 in Wettable Flank UDFN8 Package
July, 2020 - Rev. 4
NV25080MUW2VTAG ONSEMI-NV25080MUW2VTAG Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
More results

Similar Description - NV25080

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25080LV ONSEMI-NV25080LV Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
CAV25080 ONSEMI-CAV25080_18 Datasheet
268Kb / 15P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 1
NV25640WF ONSEMI-NV25640WF Datasheet
195Kb / 13P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 1
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
NV25080WF ONSEMI-NV25080WF Datasheet
231Kb / 16P
   EEPROM Serial 8/16-Kb SPI
May, 2018 ??Rev. 2
CAT25080 ONSEMI-CAT25080_18 Datasheet
312Kb / 18P
   EEPROM Serial 8/16-Kb SPI
June, 2018 ??Rev. 9
NV25320WF ONSEMI-NV25320WF Datasheet
196Kb / 13P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 1
CAT25320 ONSEMI-CAT25320_18 Datasheet
268Kb / 15P
   EEPROM Serial 32-Kb SPI
June, 2018 ??Rev. 12
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com