Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV25640WF Datasheet(PDF) 1 Page - ON Semiconductor

Part # NV25640WF
Description  EEPROM Serial 64-Kb SPI
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NV25640WF Datasheet(HTML) 1 Page - ON Semiconductor

  NV25640WF Datasheet HTML 1Page - ON Semiconductor NV25640WF Datasheet HTML 2Page - ON Semiconductor NV25640WF Datasheet HTML 3Page - ON Semiconductor NV25640WF Datasheet HTML 4Page - ON Semiconductor NV25640WF Datasheet HTML 5Page - ON Semiconductor NV25640WF Datasheet HTML 6Page - ON Semiconductor NV25640WF Datasheet HTML 7Page - ON Semiconductor NV25640WF Datasheet HTML 8Page - ON Semiconductor NV25640WF Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
© Semiconductor Components Industries, LLC, 2017
June, 2018 − Rev. 1
1
Publication Order Number:
NV25640WF/D
NV25640WF
EEPROM Serial 64-Kb SPI
Automotive Grade 1
inWettable Flank UDFN-8
Package
Description
The NV25640 is a EEPROM Serial 64−Kb SPI Automotive Grade 1
device internally organized as 8Kx8 bits. This features a 64−byte page
write buffer and supports the Serial Peripheral Interface (SPI)
protocol. The device is enabled through a Chip Select (CS) input. In
addition, the required bus signals are clock input (SCK), data input
(SI) and data output (SO) lines. The HOLD input may be used to pause
any serial communication with the NV25640 device. The device
features software and hardware write protection, including partial as
well as full array protection.
Features
Automotive Temperature Grade 1 (−40°C to +125°C)
10 MHz SPI Compatible
2.5 V to 5.5 V Supply Voltage Range
SPI Modes (0,0) & (1,1)
64−byte Page Write Buffer
Self−timed Write Cycle
Hardware and Software Protection
Block Write Protection
− Protect 1/4, 1/2 or Entire EEPROM Array
Low Power CMOS Technology
1,000,000 Program/Erase Cycles
100 Year Data Retention
Wettable Flank UDFN 8−pad Package
This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
Compliant
SI
SO
NV25640WF
SCK
VSS
VCC
CS
WP
HOLD
Figure 1. Functional Symbol
www.onsemi.com
See detailed ordering and shipping information on page 10 of
this data sheet.
ORDERING INFORMATION
Chip Select
CS
Serial Data Output
SO
Write Protect
WP
Ground
VSS
Serial Data Input
SI
Serial Clock
SCK
Function
Pin Name
PIN FUNCTION
Hold Transmission Input
HOLD
Power Supply
VCC
PIN CONFIGURATIONS
SI
HOLD
VCC
VSS
WP
SO
CS
UDFN8
(Wettable Flank)
MUW3 SUFFIX
CASE 517DH
SCK
UDFN8 (MUW3)
(Top View)
1
1


Similar Part No. - NV25640WF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NV25640 ONSEMI-NV25640 Datasheet
278Kb / 16P
   EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25640DTHFT3G ONSEMI-NV25640DTHFT3G Datasheet
278Kb / 16P
   EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25640DTVLT3G ONSEMI-NV25640DTVLT3G Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
NV25640DWHFT3G ONSEMI-NV25640DWHFT3G Datasheet
278Kb / 16P
   EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25640DWVLT3G ONSEMI-NV25640DWVLT3G Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
More results

Similar Description - NV25640WF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT25640 ONSEMI-CAT25640_18 Datasheet
316Kb / 20P
   EEPROM Serial 64-Kb SPI
June, 2018 ??Rev. 11
CAT25640VI ONSEMI-CAT25640VI Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAV25640 ONSEMI-CAV25640 Datasheet
159Kb / 14P
   64-Kb SPI Serial CMOS EEPROM
July, 2011 ??Rev. 0
ENA2255 ONSEMI-ENA2255 Datasheet
184Kb / 17P
   64 kb SPI CMOS Serial EEPROM
December, 2013
CAT25640HU3IGT3E ONSEMI-CAT25640HU3IGT3E Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
logo
Catalyst Semiconductor
CAT25640 CATALYST-CAT25640 Datasheet
233Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
logo
ON Semiconductor
CAT25640LI-G ONSEMI-CAT25640LI-G Datasheet
189Kb / 19P
   64-Kb SPI Serial CMOS EEPROM
May, 2012 ??Rev. 10
CAT25640 ONSEMI-CAT25640 Datasheet
188Kb / 16P
   64-Kb SPI Serial CMOS EEPROM
February, 2010 ??Rev. 7
NV25080 ONSEMI-NV25080 Datasheet
278Kb / 16P
   EEPROM Serial 8/16/32/64-Kb SPI
June, 2018 ??Rev. 1
NV25080LV ONSEMI-NV25080LV Datasheet
350Kb / 20P
   EEPROM Serial 8/16/32/64-Kb SPI Low
June, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com