Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRHY7230CM Datasheet(PDF) 2 Page - International Rectifier

Part # IRHY7230CM
Description  RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHY7230CM Datasheet(HTML) 2 Page - International Rectifier

  IRHY7230CM Datasheet HTML 1Page - International Rectifier IRHY7230CM Datasheet HTML 2Page - International Rectifier IRHY7230CM Datasheet HTML 3Page - International Rectifier IRHY7230CM Datasheet HTML 4Page - International Rectifier IRHY7230CM Datasheet HTML 5Page - International Rectifier IRHY7230CM Datasheet HTML 6Page - International Rectifier IRHY7230CM Datasheet HTML 7Page - International Rectifier IRHY7230CM Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
www.irf.com
IRHY7230CM
Pre-Irradiation
Note: Corresponding Spice and Saber models are available on the G&S Website.
For footnotes refer to the last page
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
9.4
ISM
Pulse Source Current (Body Diode) ➀
——
37
VSD
Diode Forward Voltage
1.4
V
Tj = 25°C, IS = 9.4A, VGS = 0V ➃
trr
Reverse Recovery Time
460
nS
Tj = 25°C, IF = 9.4A, di/dt ≤ 100A/µs
QRR Reverse Recovery Charge
2.4
µC
VDD ≤ 50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
Thermal Resistance
Parameter
Min Typ Max
Units
Test Conditions
RthJC
Junction-to-Case
1.67
RthJA
Junction-to-Ambient
80
Typical socket mount
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.23
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
0.40
VGS = 12V, ID =6.0A
Resistance
0.49
VGS = 12V, ID = 9.4A
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID = 1.0mA
gfs
Forward Transconductance
2.5
S ( )
VDS > 15V, IDS = 6.0A ➃
IDSS
Zero Gate Voltage Drain Current
25
VDS= 160V ,VGS=0V
250
VDS = 160V,
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
Qg
Total Gate Charge
50
VGS =12V, ID =9.4A
Qgs
Gate-to-Source Charge
10
nC
VDS = 100V
Qgd
Gate-to-Drain (‘Miller’) Charge
25
td(on)
Turn-On Delay Time
35
VDD = 100V, ID =9.4A
tr
Rise Time
75
VGS =12V, RG = 7.5Ω
td(off)
Turn-Off Delay Time
70
tf
Fall Time
60
LS + LD
Total Inductance
7.0
Ciss
Input Capacitance
1200
VGS = 0V, VDS = 25V
Coss
Output Capacitance
250
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
63
nA
nH
ns
µA
Measured from drain lead (6mm/0.25in. from
package) to source lead (6mm/0.25in. from
package)
°C/W


Similar Part No. - IRHY7230CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY7230CM IRF-IRHY7230CM Datasheet
143Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7230CM IRF-IRHY7230CM Datasheet
143Kb / 8P
   Simple Drive Requirements
IRHY7230CM IRF-IRHY7230CM_15 Datasheet
143Kb / 8P
   Simple Drive Requirements
More results

Similar Description - IRHY7230CM

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHY67C30CM IRF-IRHY67C30CM Datasheet
197Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CM IRF-IRHY57230CM Datasheet
121Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9130CM IRF-IRHY9130CM Datasheet
116Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57234CMSE IRF-IRHY57234CMSE Datasheet
120Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE ( TO-257AA)
IRHY597130CM IRF-IRHY597130CM Datasheet
107Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597230CM IRF-IRHY597230CM Datasheet
101Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY9230CM IRF-IRHY9230CM Datasheet
114Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY57230CMSE IRF-IRHY57230CMSE Datasheet
175Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY7130CM IRF-IRHY7130CM Datasheet
108Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
IRHY597034CM IRF-IRHY597034CM Datasheet
204Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-257AA)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com