Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS63LV1024L Datasheet(PDF) 9 Page - Integrated Silicon Solution, Inc

Part # IS63LV1024L
Description  128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS63LV1024L Datasheet(HTML) 9 Page - Integrated Silicon Solution, Inc

  IS63LV1024L Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS63LV1024L Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS63LV1024L Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS63LV1024L Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS63LV1024L Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS63LV1024L Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS63LV1024L Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS63LV1024L Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS63LV1024L Datasheet HTML 9Page - Integrated Silicon Solution, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
9
Rev. B
08/07/02
IS63LV1024L
ISSI®
ORDERING INFORMATION
Commercial Range: 0°C to +70°C
Speed (ns)
Order Part No.
Package
8
IS63LV1024L-8T
TSOP (Type II)
IS63LV1024L-8H
STSOP (Type I) (8mm x13.4mm)
IS63LV1024L-8J
300-mil Plastic SOJ
IS63LV1024L-8K
400-mil Plastic SOJ
IS63LV1024L-8B
mBGA(8mmx10mm)
10
IS63LV1024L-10T
TSOP (Type II)
IS63LV1024L-10J
300-mil Plastic SOJ
IS63LV1024L-10K
400-mil Plastic SOJ
IS63LV1024L-10B
mBGA(8mmx10mm)
12
IS63LV1024L-12T
TSOP (Type II)
IS63LV1024L-12H
STSOP (Type I) (8mm x13.4mm)
IS63LV1024L-12J
300-mil Plastic SOJ
IS63LV1024L-12K
400-mil Plastic SOJ
IS63LV1024L-12B
mBGA(8mmx10mm)
Industrial Range: –40°C to +85°C
Speed (ns)
Order Part No.
Package
8
IS63LV1024L-8TI
TSOP (Type II)
IS63LV1024L-8JI
300-mil Plastic SOJ
IS63LV1024L-8KI
400-mil Plastic SOJ
IS63LV1024L-8BI
mBGA(8mmx10mm)
10
IS63LV1024L-10TI
TSOP (Type II)
IS63LV1024L-10HI
STSOP (Type I) (8mm x13.4mm)
IS63LV1024L-10JI
300-mil Plastic SOJ
IS63LV1024L-10KI
400-mil Plastic SOJ
IS63LV1024L-10BI
mBGA(8mmx10mm)
12
IS63LV1024L-12TI
TSOP (Type II)
IS63LV1024L-12JI
300-mil Plastic SOJ
IS63LV1024L-12KI
400-mil Plastic SOJ
IS63LV1024L-12BI
mBGA(8mmx10mm)


Similar Part No. - IS63LV1024L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024L ISSI-IS63LV1024L Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024L-10HI ISSI-IS63LV1024L-10HI Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024L-10HL ISSI-IS63LV1024L-10HL Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024L-10JLI ISSI-IS63LV1024L-10JLI Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
IS63LV1024L-10KLI ISSI-IS63LV1024L-10KLI Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
More results

Similar Description - IS63LV1024L

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024 Datasheet
68Kb / 8P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Circuit Solu...
IC63LV1024 ICSI-IC63LV1024 Datasheet
133Kb / 10P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Silicon Solu...
IS63LV1024 ISSI-IS63LV1024_07 Datasheet
614Kb / 18P
   128K x 8 HIGH-SPEED CMOS STATIC RAM 3.3V REVOLUTIONARY PINOUT
logo
Integrated Device Techn...
IDT71V124 IDT-IDT71V124 Datasheet
66Kb / 8P
   3.3V CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
Renesas Technology Corp
71124 RENESAS-71124 Datasheet
188Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
Feb.27.20
logo
Integrated Device Techn...
IDT71124 IDT-IDT71124 Datasheet
83Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
logo
List of Unclassifed Man...
P3C1024 ETC1-P3C1024 Datasheet
45Kb / 2P
   HIGH SPEED 128K x 8 3.3V STATIC CMOS RAM
logo
Austin Semiconductor
AS5LC1008 AUSTIN-AS5LC1008_05 Datasheet
527Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
AS5LC1008 AUSTIN-AS5LC1008 Datasheet
121Kb / 10P
   128K x 8 SRAM High-Speed CMOS SRAM with 3.3V Revolutionary Pinout
logo
Alliance Semiconductor ...
AS7C1025A ALSC-AS7C1025A Datasheet
116Kb / 8P
   5V/3.3V 128K X 8 CMOS SRAM (Revolutionary pinout)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com