Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N2222AUA Datasheet(PDF) 3 Page - TT Electronics.

Part # 2N2222AUA
Description  Surface Mount NPN General Purpose Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

2N2222AUA Datasheet(HTML) 3 Page - TT Electronics.

  2N2222AUA Datasheet HTML 1Page - TT Electronics. 2N2222AUA Datasheet HTML 2Page - TT Electronics. 2N2222AUA Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Surface Mount NPN General
Purpose Transistor
2N2222AUA (TX, TXV)
Issue B
08/2016
Page 3
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
MAX
UNITS
TEST CONDITIONS
ON CHARACTERISTICS  
VCE (SAT)   Collector‐Emi er Satura on Voltage  
 
0.3 
IC = 150 mA, IB= 15 mA
(2) 
 
1.0 
IC = 500 mA, IB= 50 mA
(2) 
VBE(SAT)  
0.6 
1.2 
IC = 150 mA, IB= 15 mA
(2) 
 
2.0 
IC = 500 mA, IB= 50 mA
(2) 
SMALL‐SIGNAL CHARACTERISTICS 
|hfe  
Small Signal Forward Current Transfer 
Ra o 
50  
‐ 
VCE = 10 V, IC = 1.0 mA, f = 1.0 kHz 
 |hfe  
Small Signal Forward Current Transfer 
Ra o 
2.5  
‐ 
VCE = 20 V, IC = 20 mA, f = 100 MHz 
Cobo 
Open Circuit Output Capacitance  
8.0 
pF 
VCB = 10 V, 100 kHz ≤ f ≤ 1.0 MHZ 
Cibo 
Input Capacitance (Output Open)  
25 
pF 
VEB = 0.5 V, 100 kHz ≤ f ≤ 1.0 MHZ 
SWITCHING CHARACTERISTICS 
ton 
Turn‐On Time  
35 
ns 
VCC =  30 V, IC = 150 mA, IB1 = 15 mA 
toff 
Turn‐Off Time  
300 
ns 
VCC = 30 V, IC = 150 mA, IB1 = IB2 = 15 mA  
Base‐Emi er Satura on Voltage  


Similar Part No. - 2N2222AUA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N2222AUA MICROSEMI-2N2222AUA Datasheet
58Kb / 2P
   NPN SILICON SWITCHING TRANSISTOR
120101
2N2222AUA MICROSEMI-2N2222AUA Datasheet
144Kb / 7P
   RADIATION HARDENED
2N2222AUA MICROSEMI-2N2222AUA Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR
logo
OPTEK Technologies
2N2222AUA OPTEK-2N2222AUA Datasheet
192Kb / 3P
   Surface Mount NPN General Purpose Transistor
logo
Microsemi Corporation
2N2222AUA MICROSEMI-2N2222AUA Datasheet
142Kb / 6P
   NPN SILICON SWITCHING TRANSISTOR Qualified per MIL-PRF-19500/255
More results

Similar Description - 2N2222AUA

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
2N2222AUA OPTEK-2N2222AUA Datasheet
192Kb / 3P
   Surface Mount NPN General Purpose Transistor
logo
TT Electronics.
2N2222AUB TTELEC-2N2222AUB Datasheet
254Kb / 3P
   Surface Mount NPN General Purpose Transistor
logo
Micropac Industries
61084 MICROPAC-61084 Datasheet
83Kb / 2P
   SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
61090 MICROPAC-61090 Datasheet
82Kb / 2P
   SURFACE MOUNT (NPN) GENERAL PURPOSE TRANSISTOR
logo
TT Electronics.
2N2907AUA TTELEC-2N2907AUA Datasheet
249Kb / 3P
   Surface Mount NPN General Purpose Transistor
logo
Micropac Industries
61113 MICROPAC-61113 Datasheet
81Kb / 2P
   GENERAL PURPOSE (NPN) TRANSISTOR SURFACE MOUNT PACKAGE
logo
Leshan Radio Company
MSD602-RT1 LRC-MSD602-RT1 Datasheet
40Kb / 1P
   NPN General Purpose Amplifier Transistor Surface Mount
logo
ON Semiconductor
MSD602-RT1G ONSEMI-MSD602-RT1G Datasheet
89Kb / 3P
   NPN General Purpose Amplifier Transistor Surface Mount
July, 2012 ??Rev. 7
2SC4081RT1 ONSEMI-2SC4081RT1 Datasheet
48Kb / 2P
   General Purpose Amplifier Transistor NPN Surface Mount
May, 2006 ??Rev. 4
MSD602-RT1 ONSEMI-MSD602-RT1 Datasheet
111Kb / 4P
   NPN General Purpose Amplifier Transistor Surface Mount
1996 REV 1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com